Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM50GAL120DN2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BSM50GAL120DN2
Description  IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BSM50GAL120DN2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
Mar-29-1996
BSM 50 GAL 120 DN2
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Switching Characteristics, Inductive Load at Tj = 125 °C
Turn-on delay time
VCC = 600 V, VGE = 15 V, IC = 50 A
RGon = 22 Ω
td(on)
-
44
100
ns
Rise time
VCC = 600 V, VGE = 15 V, IC = 50 A
RGon = 22 Ω
tr
-
56
100
Turn-off delay time
VCC = 600 V, VGE = -15 V, IC = 50 A
RGoff = 22 Ω
td(off)
-
380
500
Fall time
VCC = 600 V, VGE = -15 V, IC = 50 A
RGoff = 22 Ω
tf
-
70
100
Free-Wheel Diode
Diode forward voltage
IF = 50 A, VGE = 0 V, Tj = 25 °C
IF = 50 A, VGE = 0 V, Tj = 125 °C
VF
-
-
1.8
2.3
-
2.8
V
Reverse recovery time
IF = 50 A, VR = -600 V, VGE = 0 V
diF/dt = -800 A/µs, Tj = 125 °C
trr
-
0.2
-
µs
Reverse recovery charge
IF = 50 A, VR = -600 V, VGE = 0 V
diF/dt = -800 A/µs
Tj = 25 °C
Tj = 125 °C
Qrr
-
-
8
2.8
-
-
µC


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM25GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 Siemens Semiconductor Group
BSM100GT120DN2IGBT Power Module Three single switches Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM100GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM150GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM150GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM200GAL120DN2IGBT Power Module Single switch with chopper diode Package with insulated metal base plate 1 2 3 4 5 Siemens Semiconductor Group
BSM200GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM25GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM400GB60DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn