Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM50GAL120DN2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BSM50GAL120DN2
Description  IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BSM50GAL120DN2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
Mar-29-1996
BSM 50 GAL 120 DN2
IGBT Power Module
• Single switch with chopper diode
• Including fast free-wheeling diodes
• Package with insulated metal base plate
Type
VCE
IC
Package
Ordering Code
BSM 50 GAL 120 DN2
1200V 78A
HALF BRIDGE GAL 1
C67076-A2010-A70
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE
1200
V
Collector-gate voltage
RGE = 20 kΩ
VCGR
1200
Gate-emitter voltage
VGE
± 20
DC collector current
TC = 25 °C
TC = 80 °C
IC
50
78
A
Pulsed collector current,
tp = 1 ms
TC = 25 °C
TC = 80 °C
ICpuls
100
156
Power dissipation per IGBT
TC = 25 °C
Ptot
400
W
Chip temperature
Tj
+ 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 0.3
K/W
Diode thermal resistance, chip case
RthJCD
≤ 0.6
Diode thermal resistance, chip-case,chopper
RTHJCDC
≤ 0.5
Insulation test voltage,
t = 1min.
Vis
2500
Vac
Creepage distance
-
20
mm
Clearance
-
11
DIN humidity category, DIN 40 040
-
F
-
IEC climatic category, DIN IEC 68-1
-
55 / 150 / 56


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM25GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 Siemens Semiconductor Group
BSM100GT120DN2IGBT Power Module Three single switches Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM100GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM150GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM150GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM200GAL120DN2IGBT Power Module Single switch with chopper diode Package with insulated metal base plate 1 2 3 4 5 Siemens Semiconductor Group
BSM200GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM25GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM400GB60DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn