Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM400GB60DN2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BSM400GB60DN2
Description  IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM400GB60DN2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSM400GB60DN2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
Apr-25-1997
BSM 400 GB 60 DN2
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Switching Characteristics, Inductive Load at Tj = 125 °C
Turn-on delay time
VCC = 300 V, VGE = 15 V, IC = 400 A
RGon = 4.7 Ω
td(on)
-
200
-
ns
Rise time
VCC = 300 V, VGE = 15 V, IC = 400 A
RGon = 4.7 Ω
tr
-
190
-
Turn-off delay time
VCC = 300 V, VGE = -15 V, IC = 400 A
RGoff = 4.7 Ω
td(off)
-
680
-
Fall time
VCC = 300 V, VGE = -15 V, IC = 400 A
RGoff = 4.7 Ω
tf
-
510
-
Free-Wheel Diode
Diode forward voltage
IF = 400 A, VGE = 0 V, Tj = 25 °C
IF = 400 A, VGE = 0 V, Tj = 125 °C
VF
-
-
1.7
1.9
-
2.4
V
Reverse recovery time
IF = 400 A, VR = -300 V, VGE = 0 V
diF/dt = -2000 A/µs, Tj = 125 °C
trr
-
170
-
ns
Reverse recovery charge
IF = 400 A, VR = -300 V, VGE = 0 V
diF/dt = -2000 A/µs, Tj = 125 °C
Qrr
-
15
-
µC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BSM100GB170DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM150GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM150GB170DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM200GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM25GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM50GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM50GB170DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM75GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM75GB170DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM100GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn