Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM400GB60DN2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BSM400GB60DN2
Description  IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM400GB60DN2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BSM400GB60DN2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM400GB60DN2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
Apr-25-1997
BSM 400 GB 60 DN2
IGBT Power Module
Preliminary data
• Half-bridge
• Including fast free-wheeling diodes
• Package with insulated metal base plate
Type
VCE
IC
Package
Ordering Code
BSM 400 GB 60 DN2
600V
475A
HALF-BRIDGE 2
C67070-A2120-A67
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE
600
V
Collector-gate voltage
RGE = 20 kΩ
VCGR
600
Gate-emitter voltage
VGE
± 20
DC collector current
TC = 25 °C
TC = 60 °C
IC
400
475
A
Pulsed collector current,
tp = 1 ms
TC = 25 °C
TC = 60 °C
ICpuls
800
950
Power dissipation per IGBT
TC = 25 °C
Ptot
1400
W
Chip temperature
Tj
+ 150
°C
Storage temperature
Tstg
-40 ... + 125
Thermal resistance, chip case
RthJC
≤ 0.09
K/W
Diode thermal resistance, chip case
RthJCD
≤ 0.18
Insulation test voltage,
t = 1min.
Vis
2500
Vac
Creepage distance
-
20
mm
Clearance
-
11
DIN humidity category, DIN 40 040
-
F
sec
IEC climatic category, DIN IEC 68-1
-
40 / 125 / 56


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BSM100GB170DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM150GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM150GB170DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM200GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM25GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM50GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM50GB170DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM75GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM75GB170DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM100GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn