Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3474R Datasheet(PDF) 1 Page - Rohm

Part # BA3474R
Description  High Speed with High Voltage Operational Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3474R Datasheet(HTML) 1 Page - Rohm

  BA3474R Datasheet HTML 1Page - Rohm BA3474R Datasheet HTML 2Page - Rohm BA3474R Datasheet HTML 3Page - Rohm BA3474R Datasheet HTML 4Page - Rohm BA3474R Datasheet HTML 5Page - Rohm BA3474R Datasheet HTML 6Page - Rohm BA3474R Datasheet HTML 7Page - Rohm BA3474R Datasheet HTML 8Page - Rohm BA3474R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
1/39
27.FEB.2012 Rev.001
TSZ22111・14・001
Datasheet
Operational Amplifiers / Comparators
High Speed with High Voltage
Operational Amplifiers
BA3472, BA3472R, BA3474, BA3474R
●General Description
General-purpose
BA3472,BA3472R,BA3474,BA3474R
integrate two/four Independent Op-amps and phase
compensation capacitors on a single chip and have some
features of high-gain, and wide operating voltage range of
+3[V] to +36[V](single power supply). Especially,
characteristics are high slew rate (10[V/μs]) and high
Maximum frequency (4[MHz]).
●Features
Operable with a single power supply
Wide operating supply voltage
Standard Op-Amp. Pin-assignments
Internal phase compensation
High open loop voltage gain
Internal ESD protection
Operable low input voltage around GND level
Wide output voltage range
●Packages
(Typ.)
(Typ.)
(Max.)
MSOP8
2.90mm x 4.00mm x 0.90mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
SOP8
5.00mm x 6.20mm x 1.71mm
SOP14
8.70mm x 6.20mm x 1.71mm
●Key Specifications
Wide Operating Supply Voltage:
Single supply
+3.0[V] to +36.0[V]
Dual supply
±1.5[V] to ±18.0[V]
Wide Temperature Range:
BA3474F
-40[°C] to +75[°C]
BA3472F
BA3472FV
BA3472FVM
BA3474FV
-40[°C] to +85[°C]
BA3472RFVM
BA3474RFV
-40[°C] to +105[°C]
Low Input Offset Current:
6[nA] (Typ.)
Low Input Bias Current:
100[nA] (Typ.)
Wide Output Voltage Range:
VEE+0.3[V]-VCC-1.0[V](Typ.)
with VCC-VEE=30[V]
High Slew Rate:
10[V/µs]
Maximum Frequency:
4[MHz]
Human Body Model (HBM):
±5000[V] (Typ.)
●Selection Guide
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
High Speed
Quad
Dual
30[mA]/ 30[mA]
30[mA]/ 30[mA]
10[V/µs]
10[V/µs]
Output Current
Source/Sink
Slew Rate
+85[°C]
Operation guaranteed
+75[°C]
+105[°C]
BA3474F
BA3472RFVM
BA3472F
BA3472FV
BA3472FVM
BA3474FV
BA3474RFV


Similar Part No. - BA3474R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3474RFE2 ROHM-BA3474RFE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3474RFJE2 ROHM-BA3474RFJE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3474RFJTR ROHM-BA3474RFJTR Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3474RFTR ROHM-BA3474RFTR Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3474RFV ROHM-BA3474RFV Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
More results

Similar Description - BA3474R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com