Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SK3019EB Datasheet(PDF) 1 Page - Rohm

Part No. 2SK3019EB
Description  2.5V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 1 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
2.5V Drive Nch MOSFET
2SK3019EB
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) High-speed switching.
2) Low voltage drive(2.5V drive).
3) Drive circuits can be simple.
4) Parallel use is easy.
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
TCL
Basic ordering unit (pieces)
3000
2SK3019EB
Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
30
V
Gate-source voltage
VGSS
20
V
Continuous
ID
100
mA
Pulsed
IDP
400
mA
Power dissipation
PD
150
mW
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to 150
C
*1 Pw
10s, Duty cycle1%
*2 Each terminal mounted on a reference land.
Thermal resistance
Symbol
Limits
Unit
Channel to Ambient
Rth (ch-a)
833
C / W
* Each terminal mounted on a reference land.
Parameter
Type
Drain current
Parameter
*2
*1
(1) Gate
(2) Source
(3) Drain
*
EMT3F
(1)
(2)
(3)
Abbreviated symbol : KN
∗2
∗1
(3)
(1)
(2)
1 ESD PROTECTION DIODE
2 BODY DIODE
1/5
2011.10 - Rev.A




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl