Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SK3018UB Datasheet(PDF) 4 Page - Rohm

Part No. 2SK3018UB
Description  2.5V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SK3018UB
 
0.1
1
2
50
DRAIN-SOURCE VOLTAGE : VDS (V)
0.5
0.2
0.5
1
2
5
10
20
50
5
10
20
Ciss
Coss
Crss
Ta
=25°C
f
=1MHZ
VGS
=0V
Fig.11 Typical capacitance vs.
drain-source voltage
0.1
10
20
500
DRAIN CURRENT : ID (mA)
5
0.2
0.5
1
2
5
10
20
50
50
100
200
1000
2
100
Ta
=25°C
VDD
=5V
VGS
=5V
RG
=10Ω
Pulsed
td(off)
tr
td(on)
tf
Fig.12 Switching characteristics
200m
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
Ta
=25°C
Pulsed
VGS
=4V
0V
Fig.10 Reverse drain current vs.
source-drain voltage (
ΙΙ)
4/5
2011.10 - Rev.A




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl