Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95SQ015TR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 95SQ015TR
Description  Schottky Rectifier, 9 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

95SQ015TR Datasheet(HTML) 5 Page - Vishay Siliconix

  95SQ015TR Datasheet HTML 1Page - Vishay Siliconix 95SQ015TR Datasheet HTML 2Page - Vishay Siliconix 95SQ015TR Datasheet HTML 3Page - Vishay Siliconix 95SQ015TR Datasheet HTML 4Page - Vishay Siliconix 95SQ015TR Datasheet HTML 5Page - Vishay Siliconix 95SQ015TR Datasheet HTML 6Page - Vishay Siliconix 95SQ015TR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-95SQ015, VS-95SQ015-M3
www.vishay.com
Vishay Semiconductors
Revision: 09-Sep-11
5
Document Number: 93419
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-95SQ015
300
300
Bulk
VS-95SQ015TR
1500
1500
Tape and reel
VS-95SQ015-M3
300
300
Bulk
VS-95SQ015TR-M3
1500
1500
Tape and reel
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95243
Part marking information
www.vishay.com/doc?95325
Packaging information
www.vishay.com/doc?95338
1
-
95 = Current Rating, 9A
2
-
S = DO-204AR
3
-
Q = Schottky Q.. series
4
-
Voltage rating (015 = 15 V)
5
-
TR = Tape and reel package
None = Bulk package
Device code
6
2
4
3
5
95
S
Q
015
TR
VS-
1
-M3
7
-
Vishay Semiconductors product
None = Lead (Pb)-free and RoHS compliant
-M3 = Halogen-free, RoHS compliant, and terminations lead (Pb)-free
-
Environmental digit
6
7


Similar Part No. - 95SQ015TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
95SQ015TR IRF-95SQ015TR Datasheet
124Kb / 5P
   SCHOTTKY RECTIFIER 9 Amp
logo
Vishay Siliconix
95SQ015TR VISHAY-95SQ015TR Datasheet
105Kb / 6P
   Schottky Rectifier, 9 A
Revision: 07-Nov-08
More results

Similar Description - 95SQ015TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
90SQ030 VISHAY-90SQ030 Datasheet
106Kb / 6P
   Schottky Rectifier, 9 A
Revision: 07-Nov-08
95SQ015 VISHAY-95SQ015 Datasheet
105Kb / 6P
   Schottky Rectifier, 9 A
Revision: 07-Nov-08
VS-90SQ045 VISHAY-VS-90SQ045 Datasheet
134Kb / 7P
   Schottky Rectifier, 9 A
Revision: 19-Sep-11
VS-90SQ VISHAY-VS-90SQ Datasheet
134Kb / 7P
   Schottky Rectifier, 9 A
Revision: 19-Sep-11
logo
International Rectifier
95SQ015 IRF-95SQ015 Datasheet
124Kb / 5P
   SCHOTTKY RECTIFIER 9 Amp
logo
Vishay Siliconix
241NQ045R VISHAY-241NQ045R Datasheet
119Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
10MQ060NPBF VISHAY-10MQ060NPBF Datasheet
105Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
10MQ100NPBF VISHAY-10MQ100NPBF Datasheet
98Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com