Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BSM300GA120DN2E3166 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BSM300GA120DN2E3166
Description  IGBT Power Module (Single switch Including fast free-wheeling diodes Enlarged diode area)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BSM300GA120DN2E3166 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
5
Mar-29-1996
BSM300GA120DN2E3166
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 25 °C
0
1
2
3
V
5
V
CE
0
50
100
150
200
250
300
350
400
450
500
A
600
I
C
17V
15V
13V
11V
9V
7V
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 125 °C
0
1
2
3
V
5
V
CE
0
50
100
150
200
250
300
350
400
450
500
A
600
I
C
17V
15V
13V
11V
9V
7V
Typ. transfer characteristics
IC = f (VGE)
parameter:
tp = 80 µs, VCE = 20 V
0
2
4
6
8
10
V
14
V
GE
0
50
100
150
200
250
300
350
400
450
500
A
600
I
C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM100GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes 1 2 3 4 5 Siemens Semiconductor Group
BSM150GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes 1 2 3 4 5 Siemens Semiconductor Group
BSM150GAL120DN2E3166IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes 1 2 3 4 5 Siemens Semiconductor Group
BSM25GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 Siemens Semiconductor Group
BSM50GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 Siemens Semiconductor Group
BSM75GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes 1 2 3 4 5 Siemens Semiconductor Group
BSM150GB120DN2E3166IGBT Power Module Half-bridge Including fast free-wheeling diodes Enlarged diode area 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM150GB170DN2E3166IGBT Power Module Half-bridge Including fast free-wheeling diodes Enlarged diode area 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM300GA170DN2E3166IGBT Power Module Half-bridge Including fast free-wheeling diodes Enlarged diode area 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM35GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Doubled diode area 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn