Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1307 Datasheet(PDF) 7 Page - Tiger Electronic Co.,Ltd

Part No. DS1307
Description  64 X 8 Serial Real Time Clock
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

DS1307 Datasheet(HTML) 7 Page - Tiger Electronic Co.,Ltd

Back Button DS1307 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DS1307
7 of 11
The DS1307 may operate in the following two modes:
1. Slave receiver mode (DS1307 write mode): Serial data and clock are received through SDA and
SCL. After each byte is received an acknowledge bit is transmitted. START and STOP conditions
are recognized as the beginning and end of a serial transfer. Address recognition is performed by
hardware after reception of the slave address and *direction bit (See Figure 6). The address byte is
the first byte received after the start condition is generated by the master. The address byte contains
the 7 bit DS1307 address, which is 1101000, followed by the *direction bit (R/ W ) which, for a write,
is a 0. After receiving and decoding the address byte the device outputs an acknowledge on the SDA
line. After the DS1307 acknowledges the slave address + write bit, the master transmits a register
address to the DS1307 This will set the register pointer on the DS1307. The master will then begin
transmitting each byte of data with the DS1307 acknowledging each byte received. The master will
generate a stop condition to terminate the data write.
DATA WRITE - SLAVE RECEIVER MODE Figure 6
2. Slave transmitter mode (DS1307 read mode): The first byte is received and handled as in the slave
receiver mode. However, in this mode, the *direction bit will indicate that the transfer direction is
reversed. Serial data is transmitted on SDA by the DS1307 while the serial clock is input on SCL.
START and STOP conditions are recognized as the beginning and end of a serial transfer (See
Figure 7). The address byte is the first byte received after the start condition is generated by the
master. The address byte contains the 7-bit DS1307 address, which is 1101000, followed by the
*direction bit (R/ W ) which, for a read, is a 1. After receiving and decoding the address byte the
device inputs an acknowledge on the SDA line. The DS1307 then begins to transmit data starting
with the register address pointed to by the register pointer. If the register pointer is not written to
before the initiation of a read mode the first address that is read is the last one stored in the register
pointer. The DS1307 must receive a Not Acknowledge to end a read.
DATA READ - SLAVE TRANSMITTER MODE Figure 7


Similar Part No. - DS1307

ManufacturerPart No.DatasheetDescription
Dallas Semiconductor
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
   64 X 8 Serial Real Time Clock
DS1307 DALLAS-DS1307 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
Maxim Integrated Products
Maxim Integrated Produc...
DS1307 MAXIM-DS1307 Datasheet
668Kb / 15P
   64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
ARTSCHIP ELECTRONICS CO.,LMITED.
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
More results

Similar Description - DS1307

ManufacturerPart No.DatasheetDescription
Dallas Semiconductor
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
   64 X 8 Serial Real Time Clock
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
Maxim Integrated Products
Maxim Integrated Produc...
DS1307 MAXIM-DS1307_06 Datasheet
668Kb / 15P
   64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
Cypress Semiconductor
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
STMicroelectronics
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
Dallas Semiconductor
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz