Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67076-A1009-A2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # C67076-A1009-A2
Description  SIMOPAC Module (Power module Single switch N channel Enhancement mode)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67076-A1009-A2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  C67076-A1009-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67076-A1009-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67076-A1009-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67076-A1009-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67076-A1009-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67076-A1009-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67076-A1009-A2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
75
Typ. drain-source on-state resistance
R
DS(on) = f (ID)
parameter:
V
GS
Gate threshold voltage
V
GS(th) =
f (T
j)
parameter:
V
DS = VGS , ID = 1 mA
Drain-source on-state resistance
R
OS(on) = f (Tj)
parameter:
I
D =
18 A;
V
GS = 10 V, (spread)
Drain current
I
D = f (TC)
parameter:
V
GS ≥ 10 V, Tj = 150 ˚C
BSM 191


Similar Part No. - C67076-A1009-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67076-A1001-A2 SIEMENS-C67076-A1001-A2 Datasheet
199Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
C67076-A1004-A2 SIEMENS-C67076-A1004-A2 Datasheet
161Kb / 6P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
C67076-A1005-A2 SIEMENS-C67076-A1005-A2 Datasheet
171Kb / 6P
   main ratings
More results

Similar Description - C67076-A1009-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM101AR SIEMENS-BSM101AR Datasheet
199Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM151 SIEMENS-BSM151 Datasheet
161Kb / 6P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM121AR SIEMENS-BSM121AR Datasheet
207Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM181 SIEMENS-BSM181 Datasheet
199Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM111AR SIEMENS-BSM111AR Datasheet
216Kb / 9P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM151F SIEMENS-BSM151F Datasheet
226Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM181F SIEMENS-BSM181F Datasheet
226Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM191F SIEMENS-BSM191F Datasheet
205Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
logo
STMicroelectronics
SGS150MA010D1 STMICROELECTRONICS-SGS150MA010D1 Datasheet
165Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR MODULE
June 1988
SGS30MA050D1 STMICROELECTRONICS-SGS30MA050D1 Datasheet
172Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR MODULE
June 1988
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com