Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB12-800B Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BTB12-800B
Description  12A TRIACS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BTB12-800B Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BTB12-800B Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BTA/BTB12-800B
GENERAL DESCRIPTION
12A TRIACS
Available either in through-hole or surface-mount packages, the BTA/BTB12 - 800B triac series is
suitable for general purpose AC switching. They can be used as an ON/OFF function in applications
such as static relays, heating regulation, induction motor starting circuits... or for phase control
operation in light dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W series) are specially recommended for use on
inductive loads, thanks to their high commutation performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
A1 A2 G
TO-220AB
PARAMETER
Symbol
Value
Unit
Repetitive peak off-state voltages
V
DRM
800
V
peak off-state reverse voltages
V
RRM
800
V
RMS on-state current
I
T
12.0
A
Non-repetitive peak on-state current
I
TSM
120
A
Max. Operating Junction Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
PARAMETER
Symbol
Test Conditions
Min.
Max
Unit
Repetitive peak off-state
voltages
V
DRM
I
D=0.1mA
800
V
Repetitive peak off-state
current
I
DRM
V
DRM=720V
10
uA
On-state voltage
V
TM
I
T=17A
1.55
V
Holding current
I
H
I
T=0.5A,IGT=20mA
50
mA
Gate trigger
Current
T2+G+
I
GT
V
AK=12V,RL=30Ω
50
mA
T2+G-
50
T2-G-
50
T2-G+
100
Gate trigger
Voltage
T2+G+
V
GT
V
D=12V,RL=30Ω
1.3
V
T2+G-
1.3
T2-G-
1.3
T2-G+
1.3
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BTB12-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB12-800B STMICROELECTRONICS-BTB12-800B Datasheet
116Kb / 7P
   12A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTB12-800B JIEJIE-BTB12-800B Datasheet
514Kb / 5P
   12A TRIACs
logo
Kersemi Electronic Co.,...
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
logo
STMicroelectronics
BTB12-800BRG STMICROELECTRONICS-BTB12-800BRG Datasheet
116Kb / 7P
   12A TRIACS
BTB12-800BRG STMICROELECTRONICS-BTB12-800BRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
More results

Similar Description - BTB12-800B

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com