Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZX14A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TZX14A
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZX14A Datasheet(HTML) 2 Page - Vishay Siliconix

  TZX14A Datasheet HTML 1Page - Vishay Siliconix TZX14A Datasheet HTML 2Page - Vishay Siliconix TZX14A Datasheet HTML 3Page - Vishay Siliconix TZX14A Datasheet HTML 4Page - Vishay Siliconix TZX14A Datasheet HTML 5Page - Vishay Siliconix TZX14A Datasheet HTML 6Page - Vishay Siliconix TZX14A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TZX-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.3, 22-Nov-11
2
Document Number: 85614
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE RANGE
TEST
CURRENT
REVERSE LEAKAGE CURRENT
DYNAMIC
RESISTANCE
VZ at IZT1
IZT1
IR at VR
IR at VR (1)
ZZ at IZT1
V
mA
μA
V
μA
V
Ω
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
TZX2V4A
2.3
2.4
2.5
5
5
0.5
50
1
100
TZX2V4B
2.4
2.4
2.6
5
5
0.5
50
1
100
TZX2V7A
2.5
2.7
2.7
5
5
0.5
10
1
100
TZX2V7B
2.6
2.7
2.8
5
5
0.5
10
1
100
TZX2V7C
2.7
2.7
2.9
5
5
0.5
10
1
100
TZX3V0A
2.8
3.0
3
5
5
0.5
6
1
100
TZX3V0B
2.9
3.0
3.1
5
5
0.5
6
1
100
TZX3V0C
3
3.0
3.2
5
5
0.5
6
1
100
TZX3V3A
3.1
3.3
3.3
5
5
1
2
1
100
TZX3V3B
3.2
3.3
3.4
5
5
1
2
1
100
TZX3V3C
3.3
3.3
3.5
5
5
1
2
1
100
TZX3V6A
3.4
3.6
3.6
5
5
1
2
1
100
TZX3V6B
3.5
3.6
3.7
5
5
1
2
1
100
TZX3V6C
3.6
3.6
3.8
5
5
1
2
1
100
TZX3V9A
3.7
3.9
3.9
5
5
1
2
1
100
TZX3V9B
3.8
3.9
4
5
5
1
2
1
100
TZX3V9C
3.9
3.9
4.1
5
5
1
2
1
100
TZX4V3A
4
4.3
4.2
5
5
1.5
1
1
100
TZX4V3B
4.1
4.3
4.3
5
5
1.5
1
1
100
TZX4V3C
4.2
4.3
4.4
5
5
1.5
1
1
100
TZX4V3D
4.3
4.3
4.5
5
5
1.5
1
1
100
TZX4V7A
4.4
4.7
4.6
5
5
2
6
2
100
TZX4V7B
4.5
4.7
4.7
5
5
2
5
2
100
TZX4V7C
4.6
4.7
4.8
5
5
2
4
2
100
TZX4V7D
4.7
4.7
4.9
5
5
2
3
2
100
TZX5V1A
4.8
5.1
5
5
5
2
2
2
100
TZX5V1B
4.9
5.1
5.1
5
5
2
2
2
100
TZX5V1C
5
5.1
5.2
5
5
2
2
2
100
TZX5V1D
5.1
5.1
5.3
5
5
2
2
2
100
TZX5V6A
5.2
5.6
5.5
5
5
2
1
2
40
TZX5V6B
5.3
5.6
5.6
5
5
2
1
2
40
TZX5V6C
5.4
5.6
5.7
5
5
2
1
2
40
TZX5V6D
5.5
5.6
5.8
5
5
2
1
2
40
TZX5V6E
5.6
5.6
5.9
5
5
2
1
2
40
TZX6V2A
5.7
6.2
6
5
1
3
3
4
15
TZX6V2B
5.8
6.2
6.1
5
1
3
3
4
15
TZX6V2C
6
6.2
6.3
5
1
3
3
4
15
TZX6V2D
6.1
6.2
6.4
5
1
3
3
4
15
TZX6V2E
6.3
6.2
6.6
5
1
3
3
4
15
TZX6V8A
6.4
6.8
6.7
5
1
3.5
2
4
15
TZX6V8B
6.6
6.8
6.9
5
1
3.5
2
4
15
TZX6V8C
6.7
6.8
7
5
1
3.5
2
4
15
TZX6V8D
6.9
6.8
7.2
5
1
3.5
2
4
15


Similar Part No. - TZX14A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZX14A VISHAY-TZX14A Datasheet
95Kb / 7P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
TZX14A VISHAY-TZX14A Datasheet
139Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Mar-07
TZX14A-TAP VISHAY-TZX14A-TAP Datasheet
101Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
More results

Similar Description - TZX14A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com