Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM15GD120D2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BSM15GD120D2
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BSM15GD120D2 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
2
Feb-10-1997
BSM 15 GD 120 D2
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Gate threshold voltage
VGE = VCE, IC = 0.6 mA
VGE(th)
4.5
5.5
6.5
V
Collector-emitter saturation voltage
VGE = 15 V, IC = 15 A, Tj = 25 °C
VGE = 15 V, IC = 15 A, Tj = 125 °C
VCE(sat)
-
-
3.1
2.5
3.7
3
Zero gate voltage collector current
VCE = 1200 V, VGE = 0 V, Tj = 25 °C
VCE = 1200 V, VGE = 0 V, Tj = 125 °C
ICES
-
-
1.2
0.3
-
0.5
mA
Gate-emitter leakage current
VGE = 20 V, VCE = 0 V
IGES
-
-
150
nA
AC Characteristics
Transconductance
VCE = 20 V, IC = 15 A
gfs
5.5
-
-
S
Input capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Ciss
-
1000
-
pF
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Coss
-
150
-
Reverse transfer capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Crss
-
70
-


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM150GT120DN2IGBT Power Module Solderable Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM15GD60DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM200GT120DN2IGBT Power Module Solderable Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM25GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM35GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2E3226IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2GIGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD60DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD60DN2E3226IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn