Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM15GD120D2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BSM15GD120D2
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BSM15GD120D2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
Feb-10-1997
BSM 15 GD 120 D2
IGBT Power Module
• Power module
• 3-phase full-bridge
• Including fast free-wheel diodes
• Package with insulated metal base plate
Type
VCE
IC
Package
Ordering Code
BSM 15 GD 120 D2
1200V 25A
SIXPACK 1
C67076-A2504-A17
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE
1200
V
Collector-gate voltage
RGE = 20 kΩ
VCGR
1200
Gate-emitter voltage
VGE
± 20
DC collector current
TC = 25 °C
TC = 80 °C
IC
15
25
A
Pulsed collector current,
tp = 1 ms
TC = 25 °C
TC = 80 °C
ICpuls
30
50
Power dissipation per IGBT
TC = 25 °C
Ptot
145
W
Chip temperature
Tj
+ 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 0.86
K/W
Diode thermal resistance, chip case
RthJCD
≤ 1.5
Insulation test voltage,
t = 1min.
Vis
2500
Vac
Creepage distance
-
16
mm
Clearance
-
11
DIN humidity category, DIN 40 040
-
F
sec
IEC climatic category, DIN IEC 68-1
-
55 / 150 / 56


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM150GT120DN2IGBT Power Module Solderable Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM15GD60DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM200GT120DN2IGBT Power Module Solderable Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM25GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM35GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2E3226IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2GIGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD60DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD60DN2E3226IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn