Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM15GD120D2 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BSM15GD120D2
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BSM15GD120D2 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
Feb-10-1997
BSM 15 GD 120 D2
Typ. gate charge
V
GE = ƒ(QGate)
parameter: IC puls = 15 A
0
10
20
30
40
50
60
70
80
nC 100
Q
Gate
0
2
4
6
8
10
12
14
16
V
20
V
GE
800 V
600 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0 V, f = 1 MHz
0
5
10
15
20
25
30
V
40
V
CE
-2
10
-1
10
0
10
1
10
nF
C
Ciss
Coss
Crss
Reverse biased safe operating area
ICpuls = f(VCE) , Tj = 150°C
parameter: VGE = 15 V
0
200
400
600
800
1000 1200
V
1600
V
CE
0.0
0.5
1.0
1.5
2.5
I
Cpuls
/I
C
Short circuit safe operating area
ICsc = f(VCE) , Tj = 150°C
parameter: VGE = ± 15 V, tSC ≤ 10 µs, L < 50 nH
0
200
400
600
800
1000 1200
V
1600
V
CE
0
2
4
6
8
12
I
Csc
/I
C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM150GT120DN2IGBT Power Module Solderable Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM15GD60DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM200GT120DN2IGBT Power Module Solderable Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM25GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM35GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2E3226IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2GIGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD60DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD60DN2E3226IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn