Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM150GT120DN2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BSM150GT120DN2
Description  IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM150GT120DN2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSM150GT120DN2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
Aug-23-1996
BSM 150 GT 120 DN2
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Switching Characteristics, Inductive Load at Tj = 125 °C
Turn-on delay time
VCC = 600 V, VGE = 15 V, IC = 150 A
RGon = 5.6 Ω
td(on)
-
200
400
ns
Rise time
VCC = 600 V, VGE = 15 V, IC = 150 A
RGon = 5.6 Ω
tr
-
100
200
Turn-off delay time
VCC = 600 V, VGE = -15 V, IC = 150 A
RGoff = 5.6 Ω
td(off)
-
600
900
Fall time
VCC = 600 V, VGE = -15 V, IC = 150 A
RGoff = 5.6 Ω
tf
-
70
100
Free-Wheel Diode
Diode forward voltage
IF = 150 A, VGE = 0 V, Tj = 25 °C
IF = 150 A, VGE = 0 V, Tj = 125 °C
VF
-
-
1.8
2.3
-
2.8
V
Reverse recovery time
IF = 150 A, VR = -600 V, VGE = 0 V
diF/dt = -1500 A/µs, Tj = 125 °C
trr
-
0.4
-
µs
Reverse recovery charge
IF = 150 A, VR = -600 V, VGE = 0 V
diF/dt = -1500 A/µs
Tj = 25 °C
Tj = 125 °C
Qrr
-
-
22
8
-
-
µC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM200GT120DN2IGBT Power Module Solderable Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM75GD120DN2IGBT Power Module Solderable Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM100GD120DN2IGBT Power Module Solderable Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM15GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM15GD60DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM25GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM35GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2E3226IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2GIGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn