Electronic Components Datasheet Search |
|
SMCJ60A Datasheet(PDF) 3 Page - Vishay Siliconix |
|
SMCJ60A Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 5 page SMCJ5.0A thru SMCJ188CA www.vishay.com Vishay General Semiconductor Revision: 20-Dec-11 3 Document Number: 89331 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Mounted on minimum recommended pad layout RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Fig. 1 - Peak Pulse Power Rating Curve Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature Fig. 3 - Pulse Waveform Fig. 4 - Typical Junction Capacitance THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Typical thermal resistance, junction to ambient RJA (1) 75 °C/W Typical thermal resistance, junction to lead RJL 15 °C/W ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE SMCJ5.0A-M3/57T 0.211 57T 850 7" diameter plastic tape and reel SMCJ5.0A-M3/9AT 0.211 9AT 3500 13" diameter plastic tape and reel 0.1 1 10 100 0.31" x 0.31" (8.0 mm x 8.0 mm) Copper Pad Areas td - Pulse Width (s) 0.1 µs 1.0 µs 10 µs 100 µs 1.0 ms 10 ms 0 255075 100 100 75 50 25 0 125 150 175 200 TJ - Initial Temperature (°C) 0 50 100 150 t r = 10 µs Peak Value I PPM Half Value - I PPM I PP 2 t d 10/1000 µs Waveform as defined by R.E.A. 0 1.0 2.0 3.0 4.0 t - Time (ms) T J = 25 °C Pulse Width (t d) is defined as the Point where the Peak Current decays to 50 % of I PPM 10 100 1000 10 000 20 000 10 1 100 400 Uni-Directional Bi-Directional T J = 25 °C f = 1.0 MHz V sig = 50 mVp-p Measured at Zero Bias V R, Measured at Stand-Off Voltage V WM VWM - Reverse Stand-Off Voltage (V) |
Similar Part No. - SMCJ60A |
|
Similar Description - SMCJ60A |