Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLZ5V6A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLZ5V6A
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ5V6A Datasheet(HTML) 3 Page - Vishay Siliconix

  TLZ5V6A Datasheet HTML 1Page - Vishay Siliconix TLZ5V6A Datasheet HTML 2Page - Vishay Siliconix TLZ5V6A Datasheet HTML 3Page - Vishay Siliconix TLZ5V6A Datasheet HTML 4Page - Vishay Siliconix TLZ5V6A Datasheet HTML 5Page - Vishay Siliconix TLZ5V6A Datasheet HTML 6Page - Vishay Siliconix TLZ5V6A Datasheet HTML 7Page - Vishay Siliconix TLZ5V6A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLZ-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 27-Sep-11
3
Document Number: 85635
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TLZ11A
11A
10.18
11
10.71
10
0.5
0.04
9.67
10
120
TLZ11B
11B
10.5
11
11.05
10
0.5
0.04
9.98
10
120
TLZ11C
11C
10.82
11
11.38
10
0.5
0.04
10.28
10
120
TLZ12A
12A
11.13
12
11.71
10
0.5
0.04
10.6
12
110
TLZ12B
12B
11.44
12
12.03
10
0.5
0.04
10.9
12
110
TLZ12C
12C
11.74
12
12.35
10
0.5
0.04
11.2
12
110
TLZ13A
13A
12.11
13
12.75
10
0.5
0.04
11.5
14
110
TLZ13B
13B
12.55
13
13.21
10
0.5
0.04
11.9
14
110
TLZ13C
13C
12.99
13
13.66
10
0.5
0.04
12.3
14
110
TLZ15A
15A
13.44
15
14.13
10
0.5
0.04
12.8
16
110
TLZ15B
15B
13.89
15
14.62
10
0.5
0.04
13.2
16
110
TLZ15C
15C
14.35
15
15.09
10
0.5
0.04
13.6
16
110
TLZ16A
16A
14.8
16
15.57
10
0.5
0.04
14.1
18
150
TLZ16B
16B
15.25
16
16.04
10
0.5
0.04
14.5
18
150
TLZ16C
16C
15.69
16
16.51
10
0.5
0.04
14.9
18
150
TLZ18A
18A
16.22
18
17.06
10
0.5
0.04
15.4
23
150
TLZ18B
18B
16.82
18
17.7
10
0.5
0.04
16
23
150
TLZ18C
18C
17.42
18
18.33
10
0.5
0.04
16.5
23
150
TLZ20A
20A
18.02
20
18.96
10
0.5
0.04
17.1
28
200
TLZ20B
20B
18.63
20
19.59
10
0.5
0.04
17.7
28
200
TLZ20C
20C
19.23
20
20.22
10
0.5
0.04
18.3
28
200
TLZ20D
20D
19.72
20
20.72
10
0.5
0.04
18.7
28
200
TLZ22A
22A
20.15
22
21.2
5
0.5
0.04
19.1
30
200
TLZ22B
22B
20.64
22
21.71
5
0.5
0.04
19.6
30
200
TLZ22C
22C
21.08
22
22.17
5
0.5
0.04
20
30
200
TLZ22D
22D
21.52
22
22.63
5
0.5
0.04
20.4
30
200
TLZ24A
24A
22.05
24
23.18
5
0.5
0.04
20.9
35
200
TLZ24B
24B
22.61
24
23.77
5
0.5
0.04
21.5
35
200
TLZ24C
24C
23.12
24
24.31
5
0.5
0.04
22
35
200
TLZ24D
24D
23.63
24
24.85
5
0.5
0.04
22.4
35
200
TLZ27A
27A
24.26
27
25.52
5
0.5
0.04
23
45
250
TLZ27B
27B
24.97
27
26.26
5
0.5
0.04
23.7
45
250
TLZ27C
27C
25.63
27
26.95
5
0.5
0.04
24.3
45
250
TLZ27D
27D
26.29
27
27.64
5
0.5
0.04
25
45
250
TLZ30A
30A
26.99
30
28.39
5
0.5
0.04
25.6
55
250
TLZ30B
30B
27.7
30
29.13
5
0.5
0.04
26.3
55
250
TLZ30C
30C
28.36
30
29.82
5
0.5
0.04
26.9
55
250
TLZ30D
30D
29.02
30
30.51
5
0.5
0.04
27.6
55
250
TLZ33A
33A
29.68
33
31.22
5
0.5
0.04
28.2
65
250
TLZ33B
33B
30.32
33
31.88
5
0.5
0.04
28.8
65
250
TLZ33C
33C
30.9
33
32.5
5
0.5
0.04
29.4
65
250
TLZ33D
33D
31.49
33
33.11
5
0.5
0.04
29.9
65
250
TLZ36A
36A
32.14
36
33.79
5
0.5
0.04
30.5
75
250
TLZ36B
36B
32.79
36
34.49
5
0.5
0.04
31.2
75
250
TLZ36C
36C
33.4
36
35.13
5
0.5
0.04
31.7
75
250
TLZ36D
36D
34.01
36
35.77
5
0.5
0.04
32.3
75
250
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE RANGE
TEST CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
V
mA
μA
V
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.


Similar Part No. - TLZ5V6A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLZ5V6A VISHAY-TLZ5V6A Datasheet
119Kb / 9P
   Z-Diodes
Rev. A4, 08-JAug-02
TLZ5V6A VISHAY-TLZ5V6A Datasheet
110Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 23-Mar-06
TLZ5V6A VISHAY-TLZ5V6A Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ5V6A VISHAY-TLZ5V6A Datasheet
131Kb / 9P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ5V6A VISHAY-TLZ5V6A Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
More results

Similar Description - TLZ5V6A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com