Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF28A-M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMF28A-M
Description  Surface Mount ESD Protection Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF28A-M Datasheet(HTML) 3 Page - Vishay Siliconix

  SMF28A-M Datasheet HTML 1Page - Vishay Siliconix SMF28A-M Datasheet HTML 2Page - Vishay Siliconix SMF28A-M Datasheet HTML 3Page - Vishay Siliconix SMF28A-M Datasheet HTML 4Page - Vishay Siliconix SMF28A-M Datasheet HTML 5Page - Vishay Siliconix SMF28A-M Datasheet HTML 6Page - Vishay Siliconix SMF28A-M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMF5V0A-M to SMF51A-M
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 30-Nov-11
3
Document Number: 83355
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Peak Pulse Power Rating
Fig. 2 - Pulse Derating Curve
Fig. 3 - Pulse Waveform
SMF20A-M
22.2
1
20
1
6.2
32.4
207
1
SMF22A-M
24.4
1
22
1
5.6
35.5
265
1
SMF24A-M
26.7
1
24
1
5.1
38.9
240
1
SMF26A-M
28.9
1
26
1
4.8
42.1
225
1
SMF28A-M
31.1
1
28
1
4.4
45.4
210
1
SMF30A-M
33.3
1
30
1
4.1
48.4
205
1
SMF33A-M
36.7
1
33
1
3.8
53.3
190
1
SMF36A-M
40
1
36
1
3.4
58.1
180
1
SMF40A-M
44.4
1
40
1
3.1
64.5
165
1
SMF43A-M
47.8
1
43
1
2.9
69.4
160
1
SMF45A-M
50
1
45
1
2.8
72.7
155
1
SMF48A-M
53.3
1
48
1
2.6
77.4
150
1
SMF51A-M
56.7
1
51
1
2.4
82.4
145
1
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
REVERSE
BREAKDOWN
VOLTAGE
at IT, tp  5 ms
TEST
CURRENT
REVERSE
WORKING
VOLTAGE
REVERSE
CURRENT
at VRWM
MAXIMUM
PEAK PULSE
CURRENT
tp = 10/1000 μs
REVERSE
CLAMPING
VOLTAGE
at IPPM
CAPACITANCE
at VR = 0 V,
f = 1 MHz
PROTECTION
PATHS
VBR MIN.
(V)
IT
(mA)
VRWM
(V)
IR
(μA)
IPPM
(A)
VC
(V)
CD TYP.
(pF)
Nchannel
0.1
1
10
0.1 µs 1.0 µs
10 µs
td - Pulse Width (s)
100 µs 1.0 ms 10 ms
Non-repetitive pulse
waveform shown in fig. 3
TA = 25 °C
17250
0
25
50
75
100
0
75
25
50
100 125 150 175 200
TA - Ambient Temperature
17251
0
50
100
150
TJ = 25 °C
pulse width (td) is
defined as the point
where the peak current
decays to 50 % of IPPM
Peak value
IPPM
Half value
IPPM
td
10/100 s waveform
as defined by R.E.A.
0
1
2
3
4
t - Time (ms)
17252
tr=10 µs
I
PPM
2


Similar Part No. - SMF28A-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF28A-M VISHAY-SMF28A-M Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 1.0, 22-Sep-10
SMF28A-M VISHAY-SMF28A-M Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 1.0, 22-Sep-10
More results

Similar Description - SMF28A-M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com