Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM150GB170DN2 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BSM150GB170DN2
Description  IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM150GB170DN2 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BSM150GB170DN2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
Aug-01-1996
BSM 150 GB 170 DN2
Typ. gate charge
V
GE = ƒ(QGate)
parameter: IC puls = 150 A
0.0
0.4
0.8
1.2
1.6
µC
2.2
Q
Gate
0
2
4
6
8
10
12
14
16
V
20
V
GE
1200 V
800 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0, f = 1 MHz
0
5
10
15
20
25
30
V
40
V
CE
-1
10
0
10
1
10
2
10
nF
C
Ciss
Coss
Crss
Reverse biased safe operating area
ICpuls = f(VCE) , Tj = 150°C
parameter: VGE = 15 V
0
250
500
750
1000 1250 1500
V
2000
V
CE
0.0
0.5
1.0
1.5
2.5
I
Cpuls
/I
C
Short circuit safe operating area
ICsc = f(VCE) , Tj = 150°C
parameter: VGE = ± 15 V, tSC ≤ 10 µs, L < 25 nH
0
250
500
750
1000 1250 1500
V
2000
V
CE
0
2
4
6
8
12
I
Csc
/I
C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BSM100GB170DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM150GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM200GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM25GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM400GB60DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM50GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM50GB170DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM75GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM75GB170DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group
BSM100GB120DN2 IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn