Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM150GB170DN2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BSM150GB170DN2
Description  IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM150GB170DN2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BSM150GB170DN2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM150GB170DN2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
5
Aug-01-1996
BSM 150 GB 170 DN2
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 25 °C
0.0
1.0
2.0
3.0
4.0
V
6.0
V
CE
0
20
40
60
80
100
120
140
160
180
200
220
240
260
A
300
I
C
17V
15V
13V
11V
9V
7V
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 125 °C
0.0
1.0
2.0
3.0
4.0
V
6.0
V
CE
0
20
40
60
80
100
120
140
160
180
200
220
240
260
A
300
I
C
17V
15V
13V
11V
9V
7V
Typ. transfer characteristics
IC = f (VGE)
parameter:
tp = 80 µs, VCE = 20 V
0
2
4
6
8
10
V
14
V
GE
0
50
100
150
200
250
300
350
400
450
500
A
600
I
C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM100GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM150GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM200GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM25GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM400GB60DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM75GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM75GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM100GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn