Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM150GB170DN2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BSM150GB170DN2
Description  IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BSM150GB170DN2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
Aug-01-1996
BSM 150 GB 170 DN2
Power dissipation
P
tot = ƒ(TC)
parameter: Tj ≤ 150 °C
0
20
40
60
80
100
120
°C
160
T
C
0
100
200
300
400
500
600
700
800
900
1000
1100
W
1300
P
tot
Safe operating area
I
C = ƒ(VCE)
parameter: D = 0, TC = 25°C , Tj ≤ 150 °C
-1
10
0
10
1
10
2
10
3
10
A
I
C
10
0
10
1
10
2
10
3
V
V
CE
DC
10 ms
1 ms
100 µs
10 µs
t
p = 1.5µs
Collector current
I
C = ƒ(TC)
parameter: VGE ≥ 15 V , Tj ≤ 150 °C
0
20
40
60
80
100
120
°C
160
T
C
0
20
40
60
80
100
120
140
160
180
200
A
240
I
C
Transient thermal impedance
IGBT
Z
th JC = ƒ(tp)
parameter: D = tp / T
-4
10
-3
10
-2
10
-1
10
0
10
K/W
Z
thJC
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM100GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM150GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM200GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM25GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM400GB60DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM75GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM75GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM100GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn