Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM150GAL120DN2E3166 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BSM150GAL120DN2E3166
Description  IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BSM150GAL120DN2E3166 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
Nov-08-1996
BSM150GAL120DN2E3166
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Switching Characteristics, Inductive Load at Tj = 125 °C
Turn-on delay time
VCC = 600 V, VGE = 15 V, IC = 150 A
RGon = 5.6 Ω
td(on)
-
200
400
ns
Rise time
VCC = 600 V, VGE = 15 V, IC = 150 A
RGon = 5.6 Ω
tr
-
100
200
Turn-off delay time
VCC = 600 V, VGE = -15 V, IC = 150 A
RGoff = 5.6 Ω
td(off)
-
600
800
Fall time
VCC = 600 V, VGE = -15 V, IC = 150 A
RGoff = 5.6 Ω
tf
-
70
100
Free-Wheel Diode
Diode forward voltage
IF = 150 A, VGE = 0 V, Tj = 25 °C
IF = 150 A, VGE = 0 V, Tj = 125 °C
VF
-
-
1.8
2.3
-
2.8
V
Reverse recovery time
IF = 150 A, VR = -600 V, VGE = 0 V
diF/dt = -1500 A/µs, Tj = 125 °C
trr
-
0.4
-
µs
Reverse recovery charge
IF = 150 A, VR = -600 V, VGE = 0 V
diF/dt = -1500 A/µs
Tj = 25 °C
Tj = 125 °C
Qrr
-
-
18
5
-
-
µC


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM100GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes 1 2 3 4 5 Siemens Semiconductor Group
BSM150GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes 1 2 3 4 5 Siemens Semiconductor Group
BSM25GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 Siemens Semiconductor Group
BSM50GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 Siemens Semiconductor Group
BSM75GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes 1 2 3 4 5 Siemens Semiconductor Group
BSM300GA120DN2E3166IGBT Power Module Single switch Including fast free-wheeling diodes Enlarged diode area 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM100GT120DN2IGBT Power Module Three single switches Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM100GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM150GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM400GA120DLIGBT Power Module Low Loss IGBT Low inductance single switch Including fast free- wheeling diodes 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn