Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM150GAL120DN2E3166 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BSM150GAL120DN2E3166
Description  IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BSM150GAL120DN2E3166 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
Nov-08-1996
BSM150GAL120DN2E3166
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Gate threshold voltage
VGE = VCE, IC = 6 mA
VGE(th)
4.5
5.5
6.5
V
Collector-emitter saturation voltage
VGE = 15 V, IC = 150 A, Tj = 25 °C
VGE = 15 V, IC = 150 A, Tj = 125 °C
VCE(sat)
-
-
3.1
2.5
3.7
3
Zero gate voltage collector current
VCE = 1200 V, VGE = 0 V, Tj = 25 °C
VCE = 1200 V, VGE = 0 V, Tj = 125 °C
ICES
-
-
8
2
-
2.8
mA
Gate-emitter leakage current
VGE = 20 V, VCE = 0 V
IGES
-
-
320
nA
AC Characteristics
Transconductance
VCE = 20 V, IC = 150 A
gfs
62
-
-
S
Input capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Ciss
-
11
-
nF
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Coss
-
1.6
-
Reverse transfer capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Crss
-
0.6
-


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM100GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes 1 2 3 4 5 Siemens Semiconductor Group
BSM150GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes 1 2 3 4 5 Siemens Semiconductor Group
BSM25GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 Siemens Semiconductor Group
BSM50GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 Siemens Semiconductor Group
BSM75GAL120DN2IGBT Power Module Single switch with chopper diode Including fast free-wheeling diodes 1 2 3 4 5 Siemens Semiconductor Group
BSM300GA120DN2E3166IGBT Power Module Single switch Including fast free-wheeling diodes Enlarged diode area 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM100GT120DN2IGBT Power Module Three single switches Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM100GB170DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM150GB120DN2IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM400GA120DLIGBT Power Module Low Loss IGBT Low inductance single switch Including fast free- wheeling diodes 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn