Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM111AR Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BSM111AR
Description  SIMOPAC Module (Power module Single switch N channel Enhancement mode)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM111AR Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSM111AR Datasheet HTML 1Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 2Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 3Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 4Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 5Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 6Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 7Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 8Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
26
Electrical Characteristics (cont’d)
at
T
j = 25 ˚C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse diode
Continuous reverse drain current
T
C = 25
˚C
I
S
200
A
Pulsed reverse drain current
T
C = 25
˚C
I
SM
600
Diode forward on-voltage
I
F = 400 A , VGS = 0
V
SD
1.25
1.6
V
Reverse recovery time
I
F = IS, diF/dt = 100 A/ µs, VR = 30 V
t
rr
400
ns
Reverse recovery charge
I
F = IS, diF/dt = 100 A/ µs, VR = 30 V
Q
rr
3.5
µC
BSM 111 AR


Similar Part No. - BSM111AR

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSM100GAL120DLCK INFINEON-BSM100GAL120DLCK Datasheet
271Kb / 10P
   IGBT-modules
2008-08-07 revision:3.2
Siemens Semiconductor Group
Siemens Semiconductor G...
BSM100GAL120DN2 SIEMENS-BSM100GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
eupec GmbH
eupec GmbH
BSM100GB120DLC EUPEC-BSM100GB120DLC Datasheet
86Kb / 8P
   IGBT-Modules
BSM100GB120DLCK EUPEC-BSM100GB120DLCK Datasheet
87Kb / 8P
   IGBT-Modules
Siemens Semiconductor Group
Siemens Semiconductor G...
BSM100GB120DN2 SIEMENS-BSM100GB120DN2 Datasheet
132Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
More results

Similar Description - BSM111AR

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BSM101AR SIEMENS-BSM101AR Datasheet
199Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM151 SIEMENS-BSM151 Datasheet
161Kb / 6P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM121AR SIEMENS-BSM121AR Datasheet
207Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM181 SIEMENS-BSM181 Datasheet
199Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM191 SIEMENS-BSM191 Datasheet
223Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM151F SIEMENS-BSM151F Datasheet
226Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM181F SIEMENS-BSM181F Datasheet
226Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM191F SIEMENS-BSM191F Datasheet
205Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
IXYS Corporation
IXYS Corporation
VMO1200-01F IXYS-VMO1200-01F Datasheet
548Kb / 6P
   PolarHT??Module N-Channel Enhancement Mode
STMicroelectronics
STMicroelectronics
TSD4M150 STMICROELECTRONICS-TSD4M150 Datasheet
354Kb / 8P
   N-CHANNEL ENHANCEMENT MODE ISOFET POWER MOS TRANSISTOR MODULE
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz