Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM111AR Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BSM111AR
Description  SIMOPAC Module (Power module Single switch N channel Enhancement mode)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM111AR Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BSM111AR Datasheet HTML 1Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 2Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 3Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 4Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 5Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 6Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 7Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 8Page - Siemens Semiconductor Group BSM111AR Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
28
Continuous drain-source current
I
D = f (TC),
parameter:
V
GS ≥ 10 V, T j = 150 ˚C
Drain source on-state resistance
R
DS(on) =
f (T
j)
parameter:
I
D = 130 A; VGS = 10 V (spread)
Drain-source breakdown voltage
V
(BR)DSS (Tj) = b × V(BR)DSS (25 ˚C)
Typical capacitances
C = f (V
DS)
parameter:
V
GS = 0,
f = 1 MHz
BSM 111 AR


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn