Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB220 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # SB220
Description  1.5AMP PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SB220 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  SB220 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SB220 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
40
SB220 THRU SB260
0.5
20
SB220-SB240
SB250&SB260
0
1.0
Number of Cycles at 60HZ
Lead Temperatrue(℃)
FIG. 3 -- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTIC
FIG. 4 -- TYPICAL REVERSE CHARACTERISTICS
SB220-SB240
SB250&SB260
0.1
10
TJ=125℃
TJ=75℃
1
TJ=25℃
100
1.4
0
20
0.8
1
40
60
80
100
Pervent of Rated Peak Reverse Voltage(%)
FIG. 5 -- Typical Junction Capacitance
FIG. 6 -- Typical Transient Thermal Impedance
0.01
0.1
1
10
Fig.2-Maximum Non-repetitive Surge Current
Fig.1-Forward Current Derating Curve
2.0
80
At rated TL 8.3ms single
half sine-wave
1.5
60
1.0
10
100
0.0
25
50
75
100
125
150
175
10000
50
TJ=125℃
10
1000
TJ=150℃
SB220-SB240
SB250 &SB260
0
1.0
TJ=25℃
0
0
0.0
0.2
0.4
0.6
0
INSTANTANEOUS FORWARD VOLTAGE / VOLTS
1.2
100
Reverse Voltage (V)
100
1000
100
10
SB220-SB240
SB250&SB260
TIGER ELECTRONIC CO.,LTD


Similar Part No. - SB220

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
SAMYANG ELECTRONICS CO....
SB220 SAMYANG-SB220 Datasheet
474Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SB220 FORMOSA-SB220 Datasheet
160Kb / 6P
   Axial Leaded Schottky Barrier Rectifier
logo
Semikron International
SB220 SEMIKRON-SB220 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
Nanjing International G...
SB220 DGNJDZ-SB220 Datasheet
68Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
More results

Similar Description - SB220

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1N5391 LUGUANG-1N5391 Datasheet
1Mb / 2P
   1.5AMP. Silicon Rectifiers
1N5391S LUGUANG-1N5391S Datasheet
181Kb / 2P
   1.5AMP. Silicon Rectifiers
logo
Tak Cheong Electronics ...
1N5391 TAK_CHEONG-1N5391 Datasheet
103Kb / 2P
   1.5AMP. Standard Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
QG5391A SECOS-QG5391A_15 Datasheet
177Kb / 2P
   1.5AMP Surface Mount Silicon Rectifiers
logo
TAITRON Components Inco...
1N5391J05 TAITRON-1N5391J05 Datasheet
198Kb / 6P
   1.5Amp Standard Rectifiers
logo
SeCoS Halbleitertechnol...
FR151 SECOS-FR151 Datasheet
83Kb / 2P
   1.5AMP Fast Recovery Rectifiers
QG5391A SECOS-QG5391A Datasheet
177Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5AMP Surface Mount Silicon Rectifiers
HER151 SECOS-HER151 Datasheet
76Kb / 2P
   1.5AMP High Efficiency Rectifiers
W005G SECOS-W005G Datasheet
202Kb / 2P
   1.5AMP Single Phase Bridge Rectifiers
logo
Shenzhen Luguang Electr...
FR151G LUGUANG-FR151G Datasheet
177Kb / 2P
   1.5AMP. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com