Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67079-A1041-A6 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # C67079-A1041-A6
Description  SITACO AC Switches Without Zero Voltage Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67079-A1041-A6 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  C67079-A1041-A6 Datasheet HTML 1Page - Siemens Semiconductor Group C67079-A1041-A6 Datasheet HTML 2Page - Siemens Semiconductor Group C67079-A1041-A6 Datasheet HTML 3Page - Siemens Semiconductor Group C67079-A1041-A6 Datasheet HTML 4Page - Siemens Semiconductor Group C67079-A1041-A6 Datasheet HTML 5Page - Siemens Semiconductor Group C67079-A1041-A6 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Semiconductor Group
3
12.96
BRT 11, BRT 12, BRT 13
Characteristics
at Tj = 25 °C, unless otherwise specified.
Input Circuit
Parameter
Values
Symbol
Unit
typ.
max.
min.
Forward Voltage,
IF = 10 mA
VF
1.1
V
1.35
-
-
-
10
IR
Reverse current,
VR = 6 V
µA
Thermal resistance 2)
junction - ambient
RthJA
-
-
750
K/W
Output Circuit
Parameter
Symbol
Values
Unit
min.
typ.
max.
Critical rate of rise of off-state voltage
VD = 0.67 VDRM, Tj = 25 °C
VD = 0.67 VDRM, Tj = 80 °C
dv/dtcr
-
-
kV/µs
-
-
10
5
10
5
dv/dtcrq
-
-
-
-
Critical rate of rise of voltage at current
communication
VD = 0.67 VDRM, Tj = 25 °C, di/dtcrq ≤ 15 A/ms
VD = 0.67 VDRM, Tj = 80 °C, di/dtcrq ≤ 15 A/ms
Critical rate of rise of on-state current
di/dtcr
-
8
A/µs
-
Pulse current
tp ≤ 5 µs, f = 100 , ditp/dt ≤ 8 A/µs
Itp
-
A
2
-
On-state voltage,
IT = 300 mA
V
VT
-
2.3
-
ID
-
Off-state current
TC = 100 °C, VDRM = VDRM
0.5
100
µA
Holding current,
VD = 10 V
IH
500
80
-
Thermal resistance 2)
junction - ambient
RthJA
-
-
125
K/W
Tj
commutation
tp ≤ 5 µs, f = 100 Hz, ditp/dt ≤ 8 A/µs


Similar Part No. - C67079-A1041-A6

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67079-A1020-A6 SIEMENS-C67079-A1020-A6 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1021-A10 SIEMENS-C67079-A1021-A10 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1021-A6 SIEMENS-C67079-A1021-A6 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1022-A10 SIEMENS-C67079-A1022-A10 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1022-A6 SIEMENS-C67079-A1022-A6 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
More results

Similar Description - C67079-A1041-A6

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT21 SIEMENS-BRT21 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
logo
Unisonic Technologies
A2804 UTC-A2804_15 Datasheet
245Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804 Datasheet
39Kb / 4P
   ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com