Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67079-A1041-A6 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # C67079-A1041-A6
Description  SITACO AC Switches Without Zero Voltage Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67079-A1041-A6 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  C67079-A1041-A6 Datasheet HTML 1Page - Siemens Semiconductor Group C67079-A1041-A6 Datasheet HTML 2Page - Siemens Semiconductor Group C67079-A1041-A6 Datasheet HTML 3Page - Siemens Semiconductor Group C67079-A1041-A6 Datasheet HTML 4Page - Siemens Semiconductor Group C67079-A1041-A6 Datasheet HTML 5Page - Siemens Semiconductor Group C67079-A1041-A6 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Semiconductor Group
4
12.96
BRT 11, BRT 12, BRT 13
Response Characteristics
at Tj = 25 °C, unless otherwise specified.
Parameter
Values
Symbol
Unit
max.
typ.
min.
Trigger current
VD = 10 V
type H
type M
0.4
0.8
IFT
-
-
mA
2
3
14
µA/K
∆ I
FT/∆ Tj
-
Trigger current temperature gradient
7
2
Capacitance between input and output circuit
VR = 0 V, f = 1 kHz
CIO
-
pF
-
1) Test AC voltage in acc. with DIN 57883, June 1980
2) Static air, SITAC soldered in pcb or base plate.
3) The SITAC switch is soldered in pcb or base plate.
4) Thermocouple measurement has to be performed potentially separated to A1 and A2. The measuring
junction should be as near as possible at the case.


Similar Part No. - C67079-A1041-A6

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67079-A1020-A6 SIEMENS-C67079-A1020-A6 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1021-A10 SIEMENS-C67079-A1021-A10 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1021-A6 SIEMENS-C67079-A1021-A6 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1022-A10 SIEMENS-C67079-A1022-A10 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1022-A6 SIEMENS-C67079-A1022-A6 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
More results

Similar Description - C67079-A1041-A6

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT21 SIEMENS-BRT21 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
logo
Unisonic Technologies
A2804 UTC-A2804_15 Datasheet
245Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804 Datasheet
39Kb / 4P
   ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com