Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1553C30S30K Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SD1553C30S30K
Description  Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1553C30S30K Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SD1553C30S30K Datasheet HTML 2Page - Vishay Siliconix SD1553C30S30K Datasheet HTML 3Page - Vishay Siliconix SD1553C30S30K Datasheet HTML 4Page - Vishay Siliconix SD1553C30S30K Datasheet HTML 5Page - Vishay Siliconix SD1553C30S30K Datasheet HTML 6Page - Vishay Siliconix SD1553C30S30K Datasheet HTML 7Page - Vishay Siliconix SD1553C30S30K Datasheet HTML 8Page - Vishay Siliconix SD1553C30S30K Datasheet HTML 9Page - Vishay Siliconix SD1553C30S30K Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93169
6
Revision: 14-May-08
SD1553C..K Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version),
1650/1825 A
Fig. 17 - Forward Voltage Drop Characteristics
Fig. 18 - Forward Voltage Drop Characteristics
Fig. 19 - Thermal Impedance ZthJ-hs Characteristic
Fig. 20 - Typical Forward Recovery Characteristics
Fig. 21 - Typical Forward Recovery Characteristics
100
10 0 0
1000 0
0.511 .522.533 .54
T = 2 5°C
J
Instantan eous Forw ard Voltag e (V)
T = 1 50°C
J
SD155 3C..S20K Series
100
10 00
10 000
1
1 .5
2
2 .5
3
3 .5
4
4 .5
T = 2 5°C
J
In st an ta n e o u s Fo rw ard V o lt ag e ( V )
SD 1 5 5 3 C ..S3 0 K Se rie s
T = 1 5 0° C
J
0. 0 0 0 1
0. 0 0 1
0. 0 1
0. 1
0. 0 0 1
0 . 0 1
0 . 1
1
1 0
1 0 0
S q ua re W a v e Pu lse D ura tio n ( s)
St e a d y St a te V a lu e
R
= 0 .0 4 K / W
(Sin g le Sid e C o o le d )
R
= 0 .0 2 K / W
( D ou ble Side C o ole d )
(D C O p e ra t io n )
th J -hs
thJ- hs
S D 1553C .. S 2 0/S 3 0K Se ries
0
20
40
60
80
0
4 0 0
80 0
1 200
1 60 0
2 000
T = 2 5° C
J
T = 1 5 0° C
J
SD 15 53C ..S 20K Se rie s
R a t e O f R ise O f Fo rw ard C u rre n t - di/d t ( A / u s)
I
V
F P
0
20
40
60
80
100
0
4 0 0
8 0 0
1 2 0 01 6 0 02 0 0 0
T = 2 5° C
J
T = 1 5 0°C
J
R at e O f Ri se O f Fo rw ard Cu rre nt - di/ dt (A/ u s)
SD 1 5 5 3 C ..S3 0 K Se rie s
I
V
F P


Similar Part No. - SD1553C30S30K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1553C30S30K VISHAY-SD1553C30S30K Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
More results

Similar Description - SD1553C30S30K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1553C18S20K VISHAY-SD1553C18S20K Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
VS-SD1553CK VISHAY-VS-SD1553CK Datasheet
329Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 15-Apr-14
VS-SD1553CK VISHAY-VS-SD1553CK_V01 Datasheet
311Kb / 7P
   Fast Recovery Diodes (Hockey PUK Version), 1650 A, 1825 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com