Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1700C45K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD1700C45K
Description  Standard Recovery Diodes (Hockey PUK Version), 2100 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1700C45K Datasheet(HTML) 2 Page - Vishay Siliconix

  SD1700C45K Datasheet HTML 1Page - Vishay Siliconix SD1700C45K Datasheet HTML 2Page - Vishay Siliconix SD1700C45K Datasheet HTML 3Page - Vishay Siliconix SD1700C45K Datasheet HTML 4Page - Vishay Siliconix SD1700C45K Datasheet HTML 5Page - Vishay Siliconix SD1700C45K Datasheet HTML 6Page - Vishay Siliconix SD1700C45K Datasheet HTML 7Page - Vishay Siliconix SD1700C45K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93539
2
Revision: 14-May-08
SD1700C..K Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
2100 A
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
SD1700C..K
UNITS
24 TO 36
40 TO 45
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
2080
(1000)
1875
(920)
A
55 (85)
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
3600
3280
A
Maximum peak, one cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
24 000
20 000
t = 8.3 ms
25 150
20 950
t = 10 ms
50 % VRRM
reapplied
20 200
16 800
t = 8.3 ms
21 150
17 600
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
2890
2000
kA2s
t = 8.3 ms
2630
1826
t = 10 ms
50 % VRRM
reapplied
2040
1415
t = 8.3 ms
1860
1292
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
28 900
20 000
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.89
0.88
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
1.02
0.99
Low level value of forward slope
resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.23
0.31
m
Ω
High level value of forward slope
resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.21
0.29
Maximum forward voltage drop
VFM
Ipk = 4000 A, TJ = TJ maximum,
tp = 10 ms sinusoidal wave
1.81
2.11
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating temperature range
TJ
- 40 to 150
°C
Maximum storage temperature range
TStg
- 55 to 200
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.042
K/W
DC operation double side cooled
0.020
Mounting force, ± 10 %
22 250 (2250)
N (kg)
Approximate weight
425
g
Case style
See dimensions - link at the end of datasheet
DO-200AC (K-PUK)
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.002
0.002
0.001
0.001
TJ = TJ maximum
K/W
120°
0.002
0.002
0.002
0.002
90°
0.003
0.003
0.003
0.003
60°
0.004
0.004
0.004
0.004
30°
0.007
0.007
0.007
0.007


Similar Part No. - SD1700C45K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1700C45K VISHAY-SD1700C45K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
More results

Similar Description - SD1700C45K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD2000C04L VISHAY-SD2000C04L_12 Datasheet
137Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL Datasheet
150Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 04-Apr-14
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
SD1700C24K VISHAY-SD1700C24K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL_V01 Datasheet
163Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK_V01 Datasheet
205Kb / 8P
    Standard Recovery Diodes, (Hockey PUK), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK Datasheet
222Kb / 8P
   Standard Recovery Diodes (Hockey PUK), 2100 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com