Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1553C25S30K Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SD1553C25S30K
Description  Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1553C25S30K Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SD1553C25S30K Datasheet HTML 3Page - Vishay Siliconix SD1553C25S30K Datasheet HTML 4Page - Vishay Siliconix SD1553C25S30K Datasheet HTML 5Page - Vishay Siliconix SD1553C25S30K Datasheet HTML 6Page - Vishay Siliconix SD1553C25S30K Datasheet HTML 7Page - Vishay Siliconix SD1553C25S30K Datasheet HTML 8Page - Vishay Siliconix SD1553C25S30K Datasheet HTML 9Page - Vishay Siliconix SD1553C25S30K Datasheet HTML 10Page - Vishay Siliconix SD1553C25S30K Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 93169
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
7
SD1553C..K Series
Fast Recovery Diodes
(Hockey PUK Version),
1650/1825 A
Vishay High Power Products
Fig. 22 - Recovery Time Characteristics
Fig. 23 - Recovery Charge Characteristics
Fig. 24 - Recovery Current Characteristics
Fig. 25 - Recovery Time Characteristics
Fig. 26 - Recovery Charge Characteristics
Fig. 27 - Recovery Current Characteristics
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
10
1 0 0
1 000
Ra te Of F a ll Of F o rw a rd C urre nt - d i/d t (A /µs )
50 0 A
I
= 1500 A
Sin e Puls e
1000 A
FM
SD 1 553C ..S 20K S e ries
T = 1 5 0 °C ; V
> 100V
r
J
0
20 0
40 0
60 0
80 0
10 00
12 00
14 00
05 0
1 0 0 1 5 0 2 0 0 2 5 0 3 0 0
Ra te O f Fall O f Fo rw ard C urre nt - di/d t (A /µs)
500 A
I
= 15 00 A
Sine Puls e
10 00 A
FM
S D 155 3 C ..S20K Se rie s
T = 150 °C ; V
> 100V
J
r
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
0
5 0
1 0 0 15 0 2 00 250 3 00
Ra te Of F a ll Of F o rw a rd Cu rrent - d i/d t (A/µs )
I
= 1 500 A
Sine Pulse
10 00 A
500 A
FM
SD 155 3 C ..S20K Se rie s
T = 1 5 0 ° C ; V
> 100V
J
r
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
10
10 0
1 000
Ra te Of F a ll O f F o rw a rd C urrent - d i/d t ( A/µs )
500 A
I
= 150 0 A
Sine Pulse
100 0 A
FM
S D 1553C ..S 30K S e ries
T = 1 5 0 °C ; V
> 1 0 0 V
r
J
0
20 0
40 0
60 0
80 0
10 00
12 00
14 00
16 00
05 0
1 0 0 1 5 0 2 0 0 2 5 0 3 0 0
Ra te O f Fall O f Fo rw ard C urre nt - di/d t (A /µs)
500 A
I
= 150 0 A
Sine Pu ls e
10 00 A
FM
SD 1553C ..S3 0K S e ries
T = 1 5 0 ° C ; V
> 1 0 0 V
J
r
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
0
5 0
1 0 0 15 0 2 00 25 0 3 0 0
500 A
Ra te O f Fa ll O f Fo rwa rd C urren t - d i/d t (A/µs )
I
= 1 50 0 A
Sine Puls e
1000 A
FM
SD 1 5 5 3 C ..S3 0 K Se rie s
T = 150 ° C ; V
> 100V
J
r


Similar Part No. - SD1553C25S30K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1553C25S30K VISHAY-SD1553C25S30K Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
More results

Similar Description - SD1553C25S30K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1553C18S20K VISHAY-SD1553C18S20K Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
VS-SD1553CK VISHAY-VS-SD1553CK Datasheet
329Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 15-Apr-14
VS-SD1553CK VISHAY-VS-SD1553CK_V01 Datasheet
311Kb / 7P
   Fast Recovery Diodes (Hockey PUK Version), 1650 A, 1825 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com