Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1500C16L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD1500C16L
Description  Standard Recovery Diodes (Hockey PUK Version), 1600 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1500C16L Datasheet(HTML) 3 Page - Vishay Siliconix

  SD1500C16L Datasheet HTML 1Page - Vishay Siliconix SD1500C16L Datasheet HTML 2Page - Vishay Siliconix SD1500C16L Datasheet HTML 3Page - Vishay Siliconix SD1500C16L Datasheet HTML 4Page - Vishay Siliconix SD1500C16L Datasheet HTML 5Page - Vishay Siliconix SD1500C16L Datasheet HTML 6Page - Vishay Siliconix SD1500C16L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93537
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-Jul-08
3
SD1500C..L Series
Standard Recovery Diodes
(Hockey PUK Version),
1600 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
40
60
80
10 0
12 0
14 0
16 0
18 0
0
2 00
400
600
80 0
1 000
1 20 0
30°
60 °
90°
120°
18 0°
Average Forward Curren t (A)
Co n d uc tio n A ng le
SD150 0C..L Series
(Single Side Cooled)
R
(DC) = 0 .07 3 K/W
th J- hs
20
40
60
80
100
120
140
160
180
0
4 00
80 0
1 200
1600
2 00 0
30 °
60°
90°
18 0° DC
12 0°
Avera ge Forward Curren t (A)
Cond uc tio n Pe rio d
SD1 500C..L Series
(Single Side Cooled)
R
(D C) = 0.073 K/ W
thJ -h s
20
40
60
80
10 0
12 0
14 0
16 0
18 0
0
4 00
800
1200
1600
2 00 0
30°
60°
90°
120°
18 0°
Average Forward Current (A)
Co nd uc tio n An gle
SD150 0C..L Series
(Double Side Cooled)
R
(DC) = 0.031 K/W
th J- hs
0
20
40
60
80
10 0
12 0
14 0
16 0
18 0
0
5 00 10 00 150 0 2 0 00 25 00 3 0 00 35 00
30°
60 °
90 °
180 °
DC
120 °
A v e rag e Fo rw ard C u r re n t ( A )
Co nd uc tio n Perio d
SD 1 5 0 0 C ..L Se rie s
(D o u b le S id e C o o le d )
R
( D C ) = 0 .0 3 1 K/ W
thJ -h s
0
50 0
1000
1500
2000
2500
3000
3500
4000
4500
0
4 00
8 0 0
12 0 0
1 60 0
2 00 0
180°
120°
90°
60°
30°
RMS Lim it
Co nd uctio n A ng le
Average For ward Current (A)
SD1500 C..L Series
T = 1 80°C
J
0
10 00
20 00
30 00
40 00
50 00
0
500 10 00 1500 2000 25 00 3000 35 00
DC
180°
120°
90 °
60 °
30 °
RMS L im it
Co nd uctio n P erio d
Average Forward Current (A)
SD 1500 C..L Series
T = 18 0°C
J


Similar Part No. - SD1500C16L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD1500C16L TEL-SD1500C16L Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD1500C16L VISHAY-SD1500C16L Datasheet
121Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 25-Jul-08
More results

Similar Description - SD1500C16L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1500C04L VISHAY-SD1500C04L Datasheet
121Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 25-Jul-08
VS-SD1500CL VISHAY-VS-SD1500CL_V01 Datasheet
160Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 1600 A
01-Jan-2022
VS-SD1500CL VISHAY-VS-SD1500CL Datasheet
181Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 04-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com