Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD2000C04L Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SD2000C04L
Description  Standard Recovery Diodes (Hockey PUK Version), 2100 A
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SD2000C04L Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93540
2
Revision: 14-May-08
SD2000C..L Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
2100 A
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
2100 (1040)
A
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
3900
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
23 900
t = 8.3 ms
25 000
t = 10 ms
100 % VRRM
reapplied
20 100
t = 8.3 ms
21 000
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
2857
kA2s
t = 8.3 ms
2608
t = 10 ms
100 % VRRM
reapplied
2020
t = 8.3 ms
1844
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
28 570
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.74
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.86
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.13
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.12
Maximum forward voltage drop
VFM
Ipk = 6000 A, TJ = TJ maximum, tp = 10 ms sinusoidal wave
1.55
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 180
°C
Maximum storage temperature range
TStg
- 55 to 200
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.073
K/W
DC operation double side cooled
0.031
Mounting force, ± 10 %
14 700
(1500)
N
(kg)
Approximate weight
255
g
Case style
See dimensions - link at the end of datasheet
DO-200AB (B-PUK)
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.009
0.009
0.006
0.006
TJ = TJ maximum
K/W
120°
0.011
0.011
0.011
0.011
90°
0.014
0.014
0.015
0.015
60°
0.020
0.020
0.021
0.021
30°
0.036
0.036
0.036
0.036


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn