Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD2000C04L Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SD2000C04L
Description  Standard Recovery Diodes (Hockey PUK Version), 2100 A
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SD2000C04L Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93540
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
1
Standard Recovery Diodes
(Hockey PUK Version), 2100 A
SD2000C..L Series
Vishay High Power Products
FEATURES
• Wide current range
• High voltage ratings up to 1000 V
• High surge current capabilities
• Diffused junction
• Hockey PUK version
• Case style DO-200AB (B-PUK)
• Lead (Pb)-free
TYPICAL APPLICATIONS
• Converters
• Power supplies
• High power drives
• Auxiliary system supplies for traction applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
2100 A
DO-200AB (B-PUK)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
2100
A
Ths
55
°C
IF(RMS)
3900
A
Ths
25
°C
IFSM
50 Hz
23 900
A
60 Hz
25 000
I2t
50 Hz
2857
kA2s
60 Hz
2608
VRRM
Range
400 to 1000
V
TJ
- 40 to 180
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 180 °C
mA
SD2000C..L
04
400
500
60
08
800
900
10
1000
1100


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn