Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM100GB120DN2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BSM100GB120DN2
Description  IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM100GB120DN2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BSM100GB120DN2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM100GB120DN2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM100GB120DN2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM100GB120DN2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM100GB120DN2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM100GB120DN2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM100GB120DN2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM100GB120DN2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM100GB120DN2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
Mar-29-1996
BSM 100 GB 120 DN2
IGBT Power Module
• Half-bridge
• Including fast free-wheeling diodes
• Package with insulated metal base plate
Type
VCE
IC
Package
Ordering Code
BSM 100 GB 120 DN2
1200V 150A
HALF-BRIDGE 2
C67076-A2107-A70
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE
1200
V
Collector-gate voltage
RGE = 20 kΩ
VCGR
1200
Gate-emitter voltage
VGE
± 20
DC collector current
TC = 25 °C
TC = 80 °C
IC
100
150
A
Pulsed collector current,
tp = 1 ms
TC = 25 °C
TC = 80 °C
ICpuls
200
300
Power dissipation per IGBT
TC = 25 °C
Ptot
800
W
Chip temperature
Tj
+ 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 0.16
K/W
Diode thermal resistance, chip case
RthJCD
≤ 0.3
Insulation test voltage,
t = 1min.
Vis
2500
Vac
Creepage distance
-
20
mm
Clearance
-
11
DIN humidity category, DIN 40 040
-
F
-
IEC climatic category, DIN IEC 68-1
-
55 / 150 / 56


Similar Part No. - BSM100GB120DN2

ManufacturerPart No.DatasheetDescription
eupec GmbH
eupec GmbH
BSM100GB120DN2 EUPEC-BSM100GB120DN2 Datasheet
227Kb / 11P
   IGBT Power Module
Siemens Semiconductor Group
Siemens Semiconductor G...
BSM100GB120DN2K SIEMENS-BSM100GB120DN2K Datasheet
114Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
eupec GmbH
eupec GmbH
BSM100GB120DN2K EUPEC-BSM100GB120DN2K Datasheet
313Kb / 10P
   IGBT Power Module
More results

Similar Description - BSM100GB120DN2

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BSM150GB120DN2 SIEMENS-BSM150GB120DN2 Datasheet
131Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM150GB170DN2 SIEMENS-BSM150GB170DN2 Datasheet
131Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM25GB120DN2 SIEMENS-BSM25GB120DN2 Datasheet
111Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM200GB120DN2 SIEMENS-BSM200GB120DN2 Datasheet
130Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM400GB60DN2 SIEMENS-BSM400GB60DN2 Datasheet
127Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM100GB120DN2K SIEMENS-BSM100GB120DN2K Datasheet
114Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM50GB120DN2 SIEMENS-BSM50GB120DN2 Datasheet
112Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM50GB170DN2 SIEMENS-BSM50GB170DN2 Datasheet
112Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM75GB120DN2 SIEMENS-BSM75GB120DN2 Datasheet
112Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM100GB170DN2 SIEMENS-BSM100GB170DN2 Datasheet
130Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz