Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD703C12S20L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SD703C12S20L
Description  Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD703C12S20L Datasheet(HTML) 5 Page - Vishay Siliconix

  SD703C12S20L Datasheet HTML 1Page - Vishay Siliconix SD703C12S20L Datasheet HTML 2Page - Vishay Siliconix SD703C12S20L Datasheet HTML 3Page - Vishay Siliconix SD703C12S20L Datasheet HTML 4Page - Vishay Siliconix SD703C12S20L Datasheet HTML 5Page - Vishay Siliconix SD703C12S20L Datasheet HTML 6Page - Vishay Siliconix SD703C12S20L Datasheet HTML 7Page - Vishay Siliconix SD703C12S20L Datasheet HTML 8Page - Vishay Siliconix SD703C12S20L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 93179
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
5
SD703C..L Series
Fast Recovery Diodes
(Hockey PUK Version),
700/790 A
Vishay High Power Products
Fig. 11 - Forward Power Loss Characteristics
Fig. 12 - Forward Power Loss Characteristics
Fig. 13 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 14 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 15 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 16 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
0
500
1000
1500
2000
2500
0
200
400
600
800
1000
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Conduction Angle
SD703C..S30L Series
T = 150°C
J
0
500
1000
1500
2000
2500
3000
0
400
800
1200
1600
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Conduction Period
SD703C..S30L Series
T = 150°C
J
2000
3000
4000
5000
6000
7000
8000
9000
110
100
Number Of Equa l Amplitude Half Cycle Current Pulses (N)
SD703C..S20L Series
Initial T = 150 °C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge
RRM
2000
4000
6000
8000
10000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
SD703C..S20L Series
RRM
J
Versus Pulse Train Dura tion.
2000
3000
4000
5000
6000
7000
8000
9000
110
100
Number Of Equal Amplitude Half Cyc le Current Pulses (N)
SD703C..S30L Series
Initial T = 150 °C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Ap plied Following Surg e.
RRM
J
2000
3000
4000
5000
6000
7000
8000
9000
10000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
Versus Pulse Train Dura tion.
SD703C..S30L Series


Similar Part No. - SD703C12S20L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD703C12S20L VISHAY-SD703C12S20L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
More results

Similar Description - SD703C12S20L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD703CL VISHAY-VS-SD703CL Datasheet
553Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 04-Apr-14
SD703C12S20L VISHAY-SD703C12S20L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
VS-SD703CL VISHAY-VS-SD703CL_V01 Datasheet
533Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700 A, 790 A
01-Jan-2022
VS-SD700CL VISHAY-VS-SD700CL Datasheet
156Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 18-Mar-15
SD700C30L VISHAY-SD700C30L_12 Datasheet
138Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
VS-SD700CL VISHAY-VS-SD700CL_V01 Datasheet
186Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 700 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com