Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD700C45L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD700C45L
Description  Standard Recovery Diodes (Hockey PUK Version), 700 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD700C45L Datasheet(HTML) 3 Page - Vishay Siliconix

  SD700C45L Datasheet HTML 1Page - Vishay Siliconix SD700C45L Datasheet HTML 2Page - Vishay Siliconix SD700C45L Datasheet HTML 3Page - Vishay Siliconix SD700C45L Datasheet HTML 4Page - Vishay Siliconix SD700C45L Datasheet HTML 5Page - Vishay Siliconix SD700C45L Datasheet HTML 6Page - Vishay Siliconix SD700C45L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93552
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
3
SD700C..L Series
Standard Recovery Diodes
(Hockey PUK Version), 700 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
100
200
3 00
40 0
5 00
30°
60 °
90°
12 0°
18 0°
Average Forward Cur ren t (A)
SD70 0C..L Series
( Single Side Cooled)
R
(DC) = 0.11 K/W
th J -hs
Co nd uct io n A ng le
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
02 0 0
4 00
60 0
80 0
30°
60°
90°
180°
DC
120°
Average For ward Current (A)
SD70 0C..L Series
(Single Side Cooled)
R
(D C) = 0.11 K/W
th J -hs
Co nd uctio n Pe rio d
0
20
40
60
80
10 0
12 0
14 0
16 0
18 0
0
5 0 0
1 00 0
15 0 0
20 0 0
2 50 0
30 °
60 °
90°
120°
180°
Average Forward Current (A)
Co nd uctio n A ng le
SD200 0C..L Series
(Double Side Cooled)
R
(DC) = 0.031 K/W
th J- hs
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
200
400
6 00
80 0 1000 1 20 0 1 40 0
30°
60°
90°
180°
DC
12 0°
Average For ward Current (A)
SD700C..L Series
(Double Side Cooled)
R
(DC) = 0.05 K/W
thJ - hs
Co n d uc tio n Pe rio d
0
50 0
1000
1500
2000
2500
0
200
400
6 00
800
1000
180°
120°
90 °
60 °
30 °
Average For ward Curr ent (A)
RM S Lim it
SD70 0C..L Series
T = 150°C
J
Co n d uc tio n An g le
0
50 0
1000
1500
2000
2500
0
2 00
40 0
6 00
800 1 000 1 200 1 40 0
DC
18 0°
12 0°
90°
60°
30°
Aver age Forward Current (A)
RM S Lim it
SD 700 C..L Ser ies
T = 15 0°C
J
Co nd uctio n P erio d


Similar Part No. - SD700C45L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD700C45L TEL-SD700C45L Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD700C45L VISHAY-SD700C45L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
More results

Similar Description - SD700C45L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD700CL VISHAY-VS-SD700CL Datasheet
156Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 18-Mar-15
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
VS-SD700CL VISHAY-VS-SD700CL_V01 Datasheet
186Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 700 A
01-Jan-2022
SD703C12S20L VISHAY-SD703C12S20L_12 Datasheet
541Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
SD703C12S20L VISHAY-SD703C12S20L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com