Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD800C24L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SD800C24L
Description  Standard Recovery Diodes (Hockey PUK Version), 1200 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD800C24L Datasheet(HTML) 5 Page - Vishay Siliconix

  SD800C24L Datasheet HTML 1Page - Vishay Siliconix SD800C24L Datasheet HTML 2Page - Vishay Siliconix SD800C24L Datasheet HTML 3Page - Vishay Siliconix SD800C24L Datasheet HTML 4Page - Vishay Siliconix SD800C24L Datasheet HTML 5Page - Vishay Siliconix SD800C24L Datasheet HTML 6Page - Vishay Siliconix SD800C24L Datasheet HTML 7Page - Vishay Siliconix SD800C24L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 93553
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
5
SD800C..L Series
Standard Recovery Diodes
(Hockey PUK Version),
1200 A
Vishay High Power Products
Fig. 13 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 14 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 15 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 16 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 17 - Forward Voltage Drop Characteristics
Fig. 18 - Forward Voltage Drop Characteristics
30 00
40 00
50 00
60 00
70 00
80 00
90 00
10 000
11 000
12 000
13 000
14 000
0
0
1
0
1
1
Numb er O f Eq ua l Am p litud e H a lf C yc le C urren t Pulse s ( N)
In it ia l T = 1 5 0° C
@ 60 H z 0 .00 83 s
@ 50 H z 0 .01 00 s
J
SD 8 0 0 C ..L Se rie s
( 2 400 V to 3600V )
At An y R a te d L o a d C o n d it io n An d W ith
5 0 % R a t e d V
A p plie d Fo llo w in g Su rg e
RRM
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
1
1
.
0
1
0
.
0
Pulse Train Duration (s)
Ma ximum Non Repetitive Surge Current
SD8 00C..L Series
(2 400V to 360 0V)
5 0% Rated V
Reapplied
No Voltage Reapplied
In itial T = 15 0 °C
RR M
J
Ver sus Pulse Train Dura tion .
3000
4000
5000
6000
7000
8000
9000
10 0 0 0
11 0 0 0
12 0 0 0
0
0
1
0
1
1
N um b e r O f E q ua l Am p litud e H a lf Cy c le C urre nt P uls es (N )
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated L oad Condition An d W ith
50% Rated V
Applied Followin g Surge
RR M
SD80 0C..L Series
(4000 V to 4500V )
2000
4000
6000
8000
1000 0
1200 0
1400 0
0.01
0.1
1
Pu lse Tr a in D u ra t io n ( s)
M a xim u m N o n R e p e t it iv e Su rg e C u rre n t
V e rsu s P u lse T ra in D u ra t io n .
In itia l T = 1 5 0 ° C
N o V o lt a g e R e a pp lie d
5 0 % R a te d V
R e a p p lie d
RRM
J
SD 8 0 0 C ..L Se rie s
( 4000V t o 45 00V )
100
10 0 0
10 0 0 0
0 .5
1
1.5
2
2. 5
3
3 .5
4
4 .5
T = 25°C
J
In stantaneous Forward V oltage (V )
T = 15 0°C
J
SD80 0C..L Series
(2 400 V to 360 0V )
100
10 0 0
100 0 0
0.5
1
1 . 5
2
2.5
3
3 . 5
4
4.5
5
5 .5
T = 2 5° C
J
In st an t a n e o u s Fo rw ard V o ltag e ( V )
T = 1 5 0°C
J
SD 8 0 0 C ..L Se rie s
( 4 00 0V to 4500V )


Similar Part No. - SD800C24L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD800C24L VISHAY-SD800C24L Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 14-May-08
More results

Similar Description - SD800C24L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD800CL VISHAY-VS-SD800CL Datasheet
219Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 04-Apr-14
SD800C24L VISHAY-SD800C24L Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 14-May-08
VS-SD800CL VISHAY-VS-SD800CL_V01 Datasheet
197Kb / 8P
   Standard Recovery Diodes, (Hockey PUK Version), 1200 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com