Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD553C40S50L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SD553C40S50L
Description  Fast Recovery Diodes (Hockey PUK Version), 560 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD553C40S50L Datasheet(HTML) 5 Page - Vishay Siliconix

  SD553C40S50L Datasheet HTML 1Page - Vishay Siliconix SD553C40S50L Datasheet HTML 2Page - Vishay Siliconix SD553C40S50L Datasheet HTML 3Page - Vishay Siliconix SD553C40S50L Datasheet HTML 4Page - Vishay Siliconix SD553C40S50L Datasheet HTML 5Page - Vishay Siliconix SD553C40S50L Datasheet HTML 6Page - Vishay Siliconix SD553C40S50L Datasheet HTML 7Page - Vishay Siliconix SD553C40S50L Datasheet HTML 8Page - Vishay Siliconix SD553C40S50L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 93177
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
5
SD553C..S50L Series
Fast Recovery Diodes
(Hockey PUK Version), 560 A
Vishay High Power Products
Fig. 11 - Typical Forward Recovery Characteristics
Fig. 12 - Recovery Time Characteristics
Fig. 13 - Recovery Charge Characteristics
Fig. 14 - Recovery Current Characteristics
Fig. 15 - Maximum Total Energy Loss
Per Pulse Characteristics
0
50
10 0
15 0
20 0
25 0
30 0
35 0
40 0
0
2 00
4 0 0
6 00
80 0
1 00 0
1 20 0
1 40 0
1 6 0 0
1 800
2 00 0
T = 1 2 5°C
T = 2 5°C
J
J
SD 55 3C . .S 5 0L S e ries
Rat e O f Rise O f Fo rw a rd C u rre n t - d i/d t ( A / us)
I
V
FP
4
4. 5
5
5. 5
6
6. 5
7
7. 5
8
8. 5
9
9. 5
10
10.5
10
10 0
1 000
Ra te Of Fa ll Of F orw a rd Current - d i/d t (A/µs )
50 0 A
I
= 15 00 A
Sin e Pu ls e
100 0 A
SD 5 5 3 C ..S5 0 L Se rie s
T = 1 2 5 ° C ; V > 100V
J
FM
r
0
50 0
10 0 0
15 0 0
20 0 0
25 0 0
0
5 0
1 00 15 0 2 0 0 25 0 3 0 0
Ra te O f Fall O f Fo rward C urre nt - di/d t ( A/µs)
SD 553C ..S5 0 L S e ries
T = 1 2 5 °C ; V
> 1 0 0 V
I
= 15 00 A
Sine Pulse
FM
1000 A
500 A
J
r
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
0
5 0
1 00 1 5 0 2 00 2 5 0 3 0 0
I
= 1 5 00 A
Sin e Puls e
FM
1000 A
50 0 A
R a te O f Fall O f Fo rwa rd Current - di/d t (A /µs)
SD 5 5 3 C ..S5 0 L S e r ie s
T = 1 2 5 °C ; V
> 1 0 0 V
J
r
1E2
1E3
1E4
1E1
1E2
1E 3
1E 4
1
2
Pulse Basewidth (µs)
10 jo ules p e r p uls e
6
4
Si nu so id al Pu lse
SD 553C ..S50L S eri es
0.8
0.6
0. 4
0.2
T = 1 25° C , V
= 1 5 0 0 V
J
RRM
dv /d t = 1 0 0 0 V/ µ s
tp


Similar Part No. - SD553C40S50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD553C40S50L VISHAY-SD553C40S50L Datasheet
202Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 14-May-08
More results

Similar Description - SD553C40S50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD553CS50L VISHAY-VS-SD553CS50L Datasheet
255Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 04-Apr-14
VS-SD553CS50L VISHAY-VS-SD553CS50L_V01 Datasheet
234Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
01-Jan-2022
SD553C30S50L VISHAY-SD553C30S50L Datasheet
202Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 14-May-08
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com