Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD600NR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SD600NR
Description  Standard Recovery Diodes (Stud Version), 600 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD600NR Datasheet(HTML) 5 Page - Vishay Siliconix

  SD600NR Datasheet HTML 1Page - Vishay Siliconix SD600NR Datasheet HTML 2Page - Vishay Siliconix SD600NR Datasheet HTML 3Page - Vishay Siliconix SD600NR Datasheet HTML 4Page - Vishay Siliconix SD600NR Datasheet HTML 5Page - Vishay Siliconix SD600NR Datasheet HTML 6Page - Vishay Siliconix SD600NR Datasheet HTML 7Page - Vishay Siliconix SD600NR Datasheet HTML 8Page - Vishay Siliconix SD600NR Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 93551
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Apr-08
5
SD600N/R Series
Standard Recovery Diodes
(Stud Version), 600 A
Vishay High Power Products
Fig. 8 - Forward Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 11 - Maximum Non-Repetitive Surge Current
Fig. 12 - Maximum Non-Repetitive Surge Current
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
1 K/W
R
=
0.0
2
K/ W
- D
elta
R
th
SA
0.0
4 K
/ W
0.0
6 K
/ W
0.1
K/ W
0.2 K
/ W
0.4 K/ W
0
100
200
300
400
500
600
700
800
900
1000
1100
0
100 200 300 400 500 600 700 800 900
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
SD600N/ RSeries
(2500V to 3200V)
T = 150°C
J
2000
4000
6000
8000
10000
12000
110
100
Number Of Equal Amplitude Ha lf Cyc le Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Initial T = 180°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
SD600N/ RSeries
(400V to 2000V)
2000
4000
6000
8000
10000
12000
14000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
VersusPulse Train Duration.
Initial T = 180 °C
No Voltag e Reapp lied
Rated V
Reapplied
RRM
J
SD600N/ RSeries
(400V to 2000V)
2000
4000
6000
8000
10000
110
100
Number Of Eq ual Amplitude Half Cycle Current Pulses (N)
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
SD600N/ RSeries
(2500V to 3200V)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
2000
4000
6000
8000
10000
12000
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 150 °C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
VersusPulse Train Duration.
SD600N/ RSeries
(2500V to 3200V)
Maximum Non Repetitive Surge Current


Similar Part No. - SD600NR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
logo
Vishay Siliconix
SD600N VISHAY-SD600N Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
SD600N/R VISHAY-SD600N/R Datasheet
187Kb / 9P
   Standard Recovery Diodes (Stud Version), 600 A
Revision: 17-Apr-08
logo
International Rectifier
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600N22PC VISHAY-SD600N22PC Datasheet
187Kb / 9P
   Standard Recovery Diodes (Stud Version), 600 A
Revision: 17-Apr-08
More results

Similar Description - SD600NR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD600NR VISHAY-VS-SD600NR Datasheet
194Kb / 8P
   Standard Recovery Diodes, (Stud Version), 600 A
01-Jan-2022
SD600N22PC VISHAY-SD600N22PC Datasheet
187Kb / 9P
   Standard Recovery Diodes (Stud Version), 600 A
Revision: 17-Apr-08
VS-SD600N VISHAY-VS-SD600N Datasheet
199Kb / 8P
   Standard Recovery Diodes (Stud Version), 600 A
Revision: 21-Jan-14
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com