Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD300C04C Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SD300C04C
Description  Standard Recovery Diodes (Hockey PUK Version), 650 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD300C04C Datasheet(HTML) 1 Page - Vishay Siliconix

  SD300C04C_12 Datasheet HTML 1Page - Vishay Siliconix SD300C04C_12 Datasheet HTML 2Page - Vishay Siliconix SD300C04C_12 Datasheet HTML 3Page - Vishay Siliconix SD300C04C_12 Datasheet HTML 4Page - Vishay Siliconix SD300C04C_12 Datasheet HTML 5Page - Vishay Siliconix SD300C04C_12 Datasheet HTML 6Page - Vishay Siliconix SD300C04C_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93544
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
1
Standard Recovery Diodes
(Hockey PUK Version), 650 A
SD300C..C Series
Vishay High Power Products
FEATURES
• Wide current range
• High voltage ratings up to 3200 V
• High surge current capabilities
• Diffused junction
• Hockey PUK version
• Case style DO-200AA
• Lead (Pb)-free
TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
650 A
DO-200AA
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SD300C..C
UNITS
04 TO 20
25 TO 32
IF(AV)
650
540
A
Ths
55
55
°C
IF(RMS)
1150
995
A
Ths
25
25
°C
IFSM
50 Hz
6050
6050
A
60 Hz
6335
6335
I2t
50 Hz
183
183
kA2s
60 Hz
167
167
VRRM
Range
400 to 2000
2500 to 3200
V
TJ
- 40 to 180
- 40 to 150
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
SD300C..C
04
400
500
15
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
25
2500
2600
28
2800
2900
32
3200
3300


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn