Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S07G-M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # S07G-M
Description  Small Signal Switching Diode, High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07G-M Datasheet(HTML) 3 Page - Vishay Siliconix

  S07G-M Datasheet HTML 1Page - Vishay Siliconix S07G-M Datasheet HTML 2Page - Vishay Siliconix S07G-M Datasheet HTML 3Page - Vishay Siliconix S07G-M Datasheet HTML 4Page - Vishay Siliconix S07G-M Datasheet HTML 5Page - Vishay Siliconix S07G-M Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S07B-M, S07D-M, S07G-M, S07J-M, S07M-M
Document Number 85191
Rev. 1.1, 20-Aug-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Figure 1. Forward Current Derating Curve
Figure 2. Typical Instantaneous Forward Characteristics
0
0.6
0.8
1.2
1.0
020
40
60
80
100
120
140
160
Ambient Temperature (°C)
0.4
0.2
Resistive or inductive load
3.0 mm x 3.0 mm
40 µm
thick copper pad areas
17375
100
1000
600
700
800
900
1000
1100
InstantaneousForward Voltage (mV)
TJ = 150 °C
TJ =25 °C
TJ = 100 °C
17376
Figure 3. Typical Instantaneous Reverse Characteristics
Figure 4. Capacitance vs. Reverse Voltage
InstantaneousReverse Voltage (V)
0
100
200
300
400
500
600
700
800
900
0.01
0.1
10
1
100
TJ = 150 °C
TJ = 125 °C
TJ = 100 °C
TJ = 75 °C
TJ = 50 °C
TJ = 25 °C
17377
V R (V)
0
5
10
15
20
25
30
35
40
10
9
8
7
6
5
4
3
2
1
0
17378


Similar Part No. - S07G-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07G-M VISHAY-S07G-M Datasheet
90Kb / 5P
   Standard Recovery Rectifier High Voltage Surface Mount
Rev. 1.2, 01-Aug-11
S07G-M VISHAY-S07G-M Datasheet
108Kb / 6P
   Standard Recovery Rectifier High Voltage Surface-Mount
01-Jan-2022
More results

Similar Description - S07G-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSD2004W-V VISHAY-GSD2004W-V_12 Datasheet
57Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.6, 12-Aug-10
BAY135 VISHAY-BAY135_08 Datasheet
113Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.7, 19-Feb-07
BAY80 VISHAY-BAY80_08 Datasheet
121Kb / 5P
   Small Signal Switching Diode, High Voltage
Rev. 1.8, 19-Feb-07
GSD2004W-G VISHAY-GSD2004W-G Datasheet
81Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.0, 13-May-13
BAY80 VISHAY-BAY80_12 Datasheet
79Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.9, 16-Jul-12
GSD2004WS VISHAY-GSD2004WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 2.1, 14-Jul-17
GSD2004WS-G VISHAY-GSD2004WS-G_V01 Datasheet
90Kb / 4P
   Small Signal Switching Diode, High Voltage
01-Jan-2022
GSD2004W-V VISHAY-GSD2004W-V Datasheet
82Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.5, 03-Jan-06
GSD2004WS VISHAY-GSD2004WS Datasheet
34Kb / 2P
   High-Voltage Small-Signal Switching Diode
14-May-02
GSD2004W VISHAY-GSD2004W Datasheet
95Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.1, 22-Feb-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com