Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S07B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S07B
Description  Small Signal Switching Diode, High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07B Datasheet(HTML) 1 Page - Vishay Siliconix

  S07B_12 Datasheet HTML 1Page - Vishay Siliconix S07B_12 Datasheet HTML 2Page - Vishay Siliconix S07B_12 Datasheet HTML 3Page - Vishay Siliconix S07B_12 Datasheet HTML 4Page - Vishay Siliconix S07B_12 Datasheet HTML 5Page - Vishay Siliconix S07B_12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S07B, S07D, S07G, S07J, S07M
Document Number 85733
Rev. 2.0, 20-Aug-10
Vishay Semiconductors
www.vishay.com
1
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Switching Diode, High Voltage
Features
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass passivated
• High temperature soldering: 260 °C/10 s
at terminals
• Wave and reflow solderable
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Mechanical Data
Case: DO-219AB (SMF)
Polarity: band denotes cathode end
Weight: approx. 15 mg
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape)
GS08/3K per 7" reel (8 mm tape)
Parts Table
17249
Part
Ordering code
Marking
Remarks
S07B
S07B-GS18 or S07B-GS08
SB
Tape and reel
S07D
S07D-GS18 or S07D-GS08
SD
Tape and reel
S07G
S07G-GS18 or S07G-GS08
SG
Tape and reel
S07J
S07J-GS18 or S07J-GS08
SJ
Tape and reel
S07M
S07M-GS18 or S07M-GS08
SM
Tape and reel


Similar Part No. - S07B_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07B-GS08 VISHAY-S07B-GS08 Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS08 VISHAY-S07B-GS08 Datasheet
123Kb / 8P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS18 VISHAY-S07B-GS18 Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS18 VISHAY-S07B-GS18 Datasheet
123Kb / 8P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS18 VISHAY-S07B-GS18_15 Datasheet
123Kb / 8P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
More results

Similar Description - S07B_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSD2004W-V VISHAY-GSD2004W-V_12 Datasheet
57Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.6, 12-Aug-10
BAY135 VISHAY-BAY135_08 Datasheet
113Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.7, 19-Feb-07
BAY80 VISHAY-BAY80_08 Datasheet
121Kb / 5P
   Small Signal Switching Diode, High Voltage
Rev. 1.8, 19-Feb-07
GSD2004W-G VISHAY-GSD2004W-G Datasheet
81Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.0, 13-May-13
BAY80 VISHAY-BAY80_12 Datasheet
79Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.9, 16-Jul-12
GSD2004WS VISHAY-GSD2004WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 2.1, 14-Jul-17
GSD2004WS-G VISHAY-GSD2004WS-G_V01 Datasheet
90Kb / 4P
   Small Signal Switching Diode, High Voltage
01-Jan-2022
S07B-M VISHAY-S07B-M Datasheet
80Kb / 6P
   Small Signal Switching Diode, High Voltage
Rev. 1.1, 20-Aug-10
GSD2004W-V VISHAY-GSD2004W-V Datasheet
82Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.5, 03-Jan-06
GSD2004WS VISHAY-GSD2004WS Datasheet
34Kb / 2P
   High-Voltage Small-Signal Switching Diode
14-May-02
GSD2004W VISHAY-GSD2004W Datasheet
95Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.1, 22-Feb-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com