Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16WS-V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS16WS-V
Description  Small Signal Fast Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS16WS-V Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS16WS-V Datasheet HTML 1Page - Vishay Siliconix BAS16WS-V Datasheet HTML 2Page - Vishay Siliconix BAS16WS-V Datasheet HTML 3Page - Vishay Siliconix BAS16WS-V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS16WS-V
Document Number 85752
Rev. 1.7, 12-Aug-10
Vishay Semiconductors
www.vishay.com
1
20145
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Fast Switching Diode
Features
• Silicon epitaxial planar diode
• Fast switching diode
• Also available in case SOT-23 with
designation BAS16
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
Mechanical Data
Case: SOD-323
Weight: approx. 4.3 mg
Packaging codes/options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Marking
Remarks
BAS16WS-V
BAS16WS-V-GS18 or BAS16WS-V-GS08
A6
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
75
V
Peak reverse voltage
VRM
100
V
Forward current (continuous)
IF
250
mA
Non-repetitive peak forward
current
t = 1 µs
IFSM
2A
t = 1 ms
IFSM
1A
t = 1 s
IFSM
0.5
A
Power dissipation
Ptot
200
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
650
K/W
Maximum junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 to + 150
°C


Similar Part No. - BAS16WS-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS16WS-V VISHAY-BAS16WS-V Datasheet
136Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 30-Apr-08
logo
SUNMATE electronic Co.,...
BAS16WS-V SUNMATE-BAS16WS-V Datasheet
256Kb / 2P
   250mA Surface Mount Small Signal Fast Switching Diode
logo
Vishay Siliconix
BAS16WS-V-GS08 VISHAY-BAS16WS-V-GS08 Datasheet
136Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 30-Apr-08
BAS16WS-V-GS18 VISHAY-BAS16WS-V-GS18 Datasheet
136Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 30-Apr-08
More results

Similar Description - BAS16WS-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com