Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

150U60DL Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. 150U60DL
Description  Standard Recovery Diodes (Stud Version), 150 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150U60DL Datasheet(HTML) 4 Page - Vishay Siliconix

  150U60DL Datasheet HTML 1Page - Vishay Siliconix 150U60DL Datasheet HTML 2Page - Vishay Siliconix 150U60DL Datasheet HTML 3Page - Vishay Siliconix 150U60DL Datasheet HTML 4Page - Vishay Siliconix 150U60DL Datasheet HTML 5Page - Vishay Siliconix 150U60DL Datasheet HTML 6Page - Vishay Siliconix 150U60DL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93490
4
Revision: 21-May-08
150U(R).. Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 150 A
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristic
Number Of Equal Amplitude Half Cycle Current Pulses (N)
500
1000
1500
2000
2500
3000
3500
110
100
Per Junction
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 180°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Pulse Train Duration(s)
500
1000
1500
2000
2500
3000
3500
4000
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Per Junction
Of Conduction May Not Be Maintained.
Initial T j = 180°C
No Voltage Reapplied
Rated V rrm Reapplied
Instantaneous Forward Voltage (V)
10
100
1000
10000
0.5
1
1.5
2
2.5
3
Tj = 25°C
Tj = 180°C
Square Wave Pulse Duration (s)
0.01
0.1
1
0.001
0.01
0.1
1
10
150U(R)
Steady State Value
RthJC = 0.3 K/W
(DC Operation)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn