Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70HFL10S10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 70HFL10S10
Description  Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70HFL10S10 Datasheet(HTML) 1 Page - Vishay Siliconix

  70HFL10S10 Datasheet HTML 1Page - Vishay Siliconix 70HFL10S10 Datasheet HTML 2Page - Vishay Siliconix 70HFL10S10 Datasheet HTML 3Page - Vishay Siliconix 70HFL10S10 Datasheet HTML 4Page - Vishay Siliconix 70HFL10S10 Datasheet HTML 5Page - Vishay Siliconix 70HFL10S10 Datasheet HTML 6Page - Vishay Siliconix 70HFL10S10 Datasheet HTML 7Page - Vishay Siliconix 70HFL10S10 Datasheet HTML 8Page - Vishay Siliconix 70HFL10S10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Document Number: 93150
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-May-09
1
Fast Recovery Diodes
(Stud Version), 40 A/70 A/85 A
40HFL, 70HFL, 85HFL Series
Vishay High Power Products
FEATURES
• Short reverse recovery time
• Low stored charge
• Wide current range
• Excellent surge capabilities
• Stud cathode and stud anode versions
• Types up to 100 VRRM
• Compliant to RoHS directive 2002/95/EC
TYPICAL APPLICATIONS
• DC power supplies
•Inverters
• Converters
• Choppers
• Ultrasonic systems
• Freewheeling diodes
PRODUCT SUMMARY
IF(AV)
40 A/70 A/85 A
DO-203AB (DO-5)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
40HFL
70HFL
85HFL
UNITS
IF(AV)
40
70
85
A
Maximum TC
85
85
85
°C
IFSM
50 Hz
400
700
1100
A
60 Hz
420
730
1151
I2t
50 Hz
800
2450
6050
A2s
60 Hz
730
2240
5523
I2
√t
11 300
34 650
85 560
I2
√s
VRRM
Range
100 to 1000
V
trr
See Recovery Characteristics table
ns
TJ
Range
- 40 to 125
°C


Similar Part No. - 70HFL10S10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70HFL10S10 IRF-70HFL10S10 Datasheet
3Mb / 10P
   FAST RECOVERY DIODES
70HFL10S10 IRF-70HFL10S10 Datasheet
360Kb / 10P
   Fast Recovery Rectifiers
logo
Vishay Siliconix
70HFL10S10 VISHAY-70HFL10S10 Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
logo
New Jersey Semi-Conduct...
70HFL10S10 NJSEMI-70HFL10S10 Datasheet
89Kb / 1P
   Rectifiers Fast Recovery
More results

Similar Description - 70HFL10S10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com