Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95PF40W Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 95PF40W
Description  Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

95PF40W Datasheet(HTML) 8 Page - Vishay Siliconix

  95PF40W Datasheet HTML 1Page - Vishay Siliconix 95PF40W Datasheet HTML 2Page - Vishay Siliconix 95PF40W Datasheet HTML 3Page - Vishay Siliconix 95PF40W Datasheet HTML 4Page - Vishay Siliconix 95PF40W Datasheet HTML 5Page - Vishay Siliconix 95PF40W Datasheet HTML 6Page - Vishay Siliconix 95PF40W Datasheet HTML 7Page - Vishay Siliconix 95PF40W Datasheet HTML 8Page - Vishay Siliconix 95PF40W Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 95345
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 26-Aug-08
3
Outline Dimensions
DO-203AB (DO-5) for 50PF(R)...(W),
80PF(R)...(W) and 95PF(R)...(W) Series
Vishay Semiconductors
DIMENSIONS FOR 52PF(R), 82PF(R) AND 97PF(R) SERIES in millimeters
Note
• For metric device please contact factory
2.4 REF.
For metric devices: M6 x 1
6.6 mm
2 external lead with
blue or red sleeve insulation
Ø 7 MAX.
12.2 MAX.
Plastic cap.
1/4"-28-UNF-2A
11 ± 0.4
11.45 MAX.
123
134.4


Similar Part No. - 95PF40W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95PF40W VISHAY-95PF40W Datasheet
131Kb / 6P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
More results

Similar Description - 95PF40W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95PF140 VISHAY-95PF140_12 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
VS-95PF VISHAY-VS-95PF Datasheet
169Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 95 A
Revision: 04-Dec-14
95PF40 VISHAY-95PF40 Datasheet
131Kb / 6P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
95PF140 VISHAY-95PF140 Datasheet
101Kb / 5P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
VS-95PF VISHAY-VS-95PF_V01 Datasheet
209Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 95 A
01-Jan-2022
VS-50PFW VISHAY-VS-50PFW Datasheet
165Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 04-Dec-14
50PF40 VISHAY-50PF40 Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
80PF40 VISHAY-80PF40 Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
VS50PF VISHAY-VS50PF Datasheet
185Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 11-Jan-18
80PF40 VISHAY-80PF40_12 Datasheet
171Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com