Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEF05PUR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEF05PUR
Description  Electronic fuse for 5 V line
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05PUR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEF05PUR Datasheet HTML 3Page - STMicroelectronics STEF05PUR Datasheet HTML 4Page - STMicroelectronics STEF05PUR Datasheet HTML 5Page - STMicroelectronics STEF05PUR Datasheet HTML 6Page - STMicroelectronics STEF05PUR Datasheet HTML 7Page - STMicroelectronics STEF05PUR Datasheet HTML 8Page - STMicroelectronics STEF05PUR Datasheet HTML 9Page - STMicroelectronics STEF05PUR Datasheet HTML 10Page - STMicroelectronics STEF05PUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STEF05
Electrical characteristics
Doc ID 019055 Rev 4
7/20
Vmin
Minimum operating voltage
3.1
V
Thermal latch
TSD
Shutdown temperature
(2)
165
°C
1.
Pulse test: Pulse width = 300 µs, duty cycle = 2%
2.
Guaranteed by design, but not tested in production
Table 6.
Electrical characteristics for the STEF05 (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - STEF05PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
   Electronic fuse for 5 V line
March 2013 Rev 1
More results

Similar Description - STEF05PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
   Electronic fuse for 5 V line
March 2013 Rev 1
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
   Electronic fuse for 12 V line
Rev 5 - March 2022
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
   Electronic fuse for 12 V line
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
   Electronic fuse for 12 V line
Rev 2 - June 2022
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
   Electronic fuse for 3.3 V line
January 2015 Rev 2
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
   Electronic fuse for 3.3 V and 5 V lines
logo
STMicroelectronics
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
   Electronic fuse for 3.3 V and 5 V lines
December 2014 Rev 2
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
   Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
   Dual electronic fuse (eFuse) for 5 V and 12 V rails
DS13182 - Rev 3 - September 2020
logo
ON Semiconductor
NIS5452 ONSEMI-NIS5452_16 Datasheet
88Kb / 9P
   5 Volt Electronic Fuse
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com